Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 23Page - ATMEL Corporation ATSAM9708 Datasheet HTML 24Page - ATMEL Corporation ATSAM9708 Datasheet HTML 25Page - ATMEL Corporation ATSAM9708 Datasheet HTML 26Page - ATMEL Corporation ATSAM9708 Datasheet HTML 27Page - ATMEL Corporation ATSAM9708 Datasheet HTML 28Page - ATMEL Corporation ATSAM9708 Datasheet HTML 29Page - ATMEL Corporation ATSAM9708 Datasheet HTML 30Page - ATMEL Corporation ATSAM9708 Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27
1772E–DRMSD–10-Apr-06
ATSAM9708
23. Recommended Board Layout
Like all HCMOS high-integration ICs, some rules of board layout should be followed for reli-
able device operation:
23.1
GND, V
CC, VC3 Distribution, Decouplings
All GND, V
CC, VC3 pins should be connected. GND and VCC planes are strongly recommended
below the ATSAM9708. The board GND and V
CC distribution should be in grid form. If 3.3V is
not available, then V
C3 can be connected to VCC by two 1N4148 diodes in series.
Recommended decoupling is 0.1 µF at each corner of the IC with an additional 10 µF decou-
pling close to the crystal. V
C3 requires a single 0.1µF decoupling close to the IC.
23.2
Crystal, LFT
The paths between the crystal, the crystal compensation capacitors, the LFT filter R-C-R and
the ATSAM9708 should be short and shielded. The ground return from the compensation
capacitors and LFT filter should be the GND plane from ATSAM9708.
23.3
Buses
Parallel layout from PC_D[15:0] and DRA[11:0]/WD[15:0] should be avoided. The PC_D[15:0]
bus is an asynchronous high-transient current-type bus. Even on short distances, it can induce
pulses on DRA[11:0]/WD[15:0] which can corrupt addresses and/or data on these buses.
A ground plane should be implemented below the PC_D[15:0] bus, which connects both to the
PC-ISA connector and to the ATSAM9708 GND.
A ground plane should be implemented below the DRA[11:0]/WD[15:0] bus, which connects
both to the DRAM SIMM grounds and to the ATSAM9708.
23.4
Analog Section
A specific AGND ground plane should be provided, which connects to the GND ground by a
single trace. No digital signals should cross the AGND plane. Refer to the Codec vendor rec-
ommended layout for correct implementation of the analog section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com