Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATSAM9708
Description  128-voice Integrated Sound Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 21Page - ATMEL Corporation ATSAM9708 Datasheet HTML 22Page - ATMEL Corporation ATSAM9708 Datasheet HTML 23Page - ATMEL Corporation ATSAM9708 Datasheet HTML 24Page - ATMEL Corporation ATSAM9708 Datasheet HTML 25Page - ATMEL Corporation ATSAM9708 Datasheet HTML 26Page - ATMEL Corporation ATSAM9708 Datasheet HTML 27Page - ATMEL Corporation ATSAM9708 Datasheet HTML 28Page - ATMEL Corporation ATSAM9708 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25
1772E–DRMSD–10-Apr-06
ATSAM9708
20. Bi-processor Operation
Each PDSP has access to the same memory space. Sample data, buffers and programs can
therefore be shared between the two PDSPs, thus minimizing memory requirements.
Each P16 has the possibility to test a read-only bit that identifies the PDSP number it belongs
to (PDSPID). This allows the firmware to make decisions according to the processor currently
executing the code.
As an example, consider implementation of a 128-voice synthesizer. An easy way to share
traffic between the two PDSPs would be to have PDSP#1 process even MIDI-numbered
notes, while the PDSP#2 would process odd MIDI-numbered notes.
In this case, there would only be a single firmware processed by both P16s, with some coding
as follows:
If (PDSPID == 0 && noteeven) then ProcessNote();
If (PDSPID == 1 && noteodd) then ProcessNote();
The two PDSPs may also execute completely different firmware. In this case, as both types of
firmware start from address 100H, a test on PDSPID should be done at the beginning of the
program to jump to the correct firmware.
21. Reset and Power-down
During power-up, the RESET input should be held low until the crystal oscillator and PLL are
stabilized. This may take about 20 ms. The RESET signal is normally derived from the PC
master reset. However, a typical RC/diode power-up network can also be used for some
applications.
After the low-to-high transition of RESET, the following occurs:
•If REFRESH is sampled high at the low to high transition of RESET then the external
SDRAM init cycles are executed (see ”Memory Type Configuration and Boot Configuration”
on page 26).
GPIO_OUT[4] DSP#2
MIDI2_IN
GPIO_OUT[5] DSP#2
SD_IN[5]
GPIO_OUT[6] DSP#2
SD_IN[6]
GPIO_OUT[7] DSP#2
SD_IN[7]
GPIO_IN[0] DSP#1
SD_IN[0]
GPIO_IN[1] DSP#1
SD_IN[1]
GPIO_IN[2] DSP#1
SD_IN[2]
GPIO_IN[3] DSP#1
SD_IN[3]
GPIO_IN[0] DSP#2
MIDI2_IN
GPIO_IN[1] DSP#2
SD_IN[5]
GPIO_IN[2] DSP#2
SD_IN[6]
GPIO_IN[3] DSP#2
SD_IN[7]
Table 19-1.
General-purpose Input/Output Routing (Continued)
GPIO
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com