Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 188 page
background image
126
4337K–USB–04/08
AT89C5130A/31A-M
21.4.1
Bulk/Interrupt OUT Transactions in Standard Mode
Figure 21-7. Bulk/Interrupt OUT transactions in Standard Mode
An endpoint will be first enabled and configured before being able to receive Bulk or Interrupt
packets.
When a valid OUT packet is received on an endpoint, the RXOUTB0 bit is set by the USB con-
troller. This triggers an interrupt if enabled. The firmware has to select the corresponding
endpoint, store the number of data bytes by reading the UBYCTLX and UBYCTHX registers. If
the received packet is a ZLP (Zero Length Packet), the UBYCTLX and UBYCTHX register val-
ues are equal to 0 and no data has to be read.
When all the endpoint FIFO bytes have been read, the firmware will clear the RXOUTB0 bit to
allow the USB controller to accept the next OUT packet on this endpoint. Until the RXOUTB0 bit
has been cleared by the firmware, the USB controller will answer a NAK handshake for each
OUT requests.
If the Host sends more bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct and the
endpoint byte counter contains the number of bytes sent by the Host.
OUT
DATA0 (n bytes)
ACK
HOST
UFI
C51
Endpoint FIFO read byte 1
OUT
DATA1
NAK
RXOUTB0
Endpoint FIFO read byte 2
Endpoint FIFO read byte n
Clear RXOUTB0
OUT
DATA1
NAK
OUT
DATA1
ACK
RXOUTB0
Endpoint FIFO read byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com