Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 128 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 188 page
background image
128
4337K–USB–04/08
AT89C5130A/31A-M
A NAK handshake is sent by the USB controller only if the banks 0 and 1 has not been released
by the firmware.
If the Host sends more bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct.
21.4.3
Bulk/Interrupt IN Transactions in Standard Mode
Figure 21-9. Bulk/Interrupt IN Transactions in Standard Mode
An endpoint will be first enabled and configured before being able to send Bulk or Interrupt
packets.
The firmware will fill the FIFO with the data to be sent and set the TXRDY bit in the UEPSTAX
register to allow the USB controller to send the data stored in FIFO at the next IN request con-
cerning this endpoint. To send a Zero Length Packet, the firmware will set the TXRDY bit without
writing any data into the endpoint FIFO.
Until the TXRDY bit has been set by the firmware, the USB controller will answer a NAK hand-
shake for each IN requests.
To cancel the sending of this packet, the firmware has to reset the TXRDY bit. The packet stored
in the endpoint FIFO is then cleared and a new packet can be written and sent.
When the IN packet has been sent and acknowledged by the Host, the TXCMPL bit in the UEP-
STAX register is set by the USB controller. This triggers a USB interrupt if enabled. The firmware
will clear the TXCMPL bit before filling the endpoint FIFO with new data.
The firmware will never write more bytes than supported by the endpoint FIFO.
All USB retry mechanisms are automatically managed by the USB controller.
IN
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Write Byte 1
IN
NAK
TXCMPL
Endpoint FIFO Write Byte 2
Endpoint FIFO Write Byte n
Set TXRDY
Clear TXCMPL
Endpoint FIFO Write Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com