Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 131 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 132Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 133Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 134Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 188 page
background image
131
4337K–USB–04/08
AT89C5130A/31A-M
21.6
Isochronous Transactions
21.6.1
Isochronous OUT Transactions in Standard Mode
An endpoint will be first enabled and configured before being able to receive Isochronous
packets.
When a OUT packet is received on an endpoint, the RXOUTB0 bit is set by the USB controller.
This triggers an interrupt if enabled. The firmware has to select the corresponding endpoint,
store the number of data bytes by reading the UBYCTLX and UBYCTHX registers. If the
received packet is a ZLP (Zero Length Packet), the UBYCTLX and UBYCTHX register values
are equal to 0 and no data has to be read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet stored in
FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO bytes have been read, the firmware will clear the RXOUTB0 bit to
allow the USB controller to store the next OUT packet data into the endpoint FIFO. Until the
RXOUTB0 bit has been cleared by the firmware, the data sent by the Host at each OUT transac-
tion will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data, the USB controller will store only
the remaining bytes into the FIFO.
If the Host sends more bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct.
21.6.2
Isochronous OUT Transactions in Ping-pong Mode
An endpoint will be first enabled and configured before being able to receive Isochronous
packets.
When a OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the USB
controller. This triggers an interrupt if enabled. The firmware has to select the corresponding
endpoint, store the number of data bytes by reading the UBYCTLX and UBYCTHX registers. If
the received packet is a ZLP (Zero Length Packet), the UBYCTLX and UBYCTHX register val-
ues are equal to 0 and no data has to be read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet stored in
FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO bytes have been read, the firmware will clear the RXOUB0 bit to
allow the USB controller to store the next OUT packet data into the endpoint FIFO bank 0. This
action switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has been cleared by the firm-
ware, the data sent by the Host on the bank 0 endpoint FIFO will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data on the endpoint bank 0, the USB
controller will store only the remaining bytes into the FIFO.
When a new OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware empties the bank 1 endpoint
FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been cleared by the firm-
ware, the data sent by the Host on the bank 1 endpoint FIFO will be lost.
The RXOUTB0 and RXOUTB1 bits are alternatively set by the USB controller at each new
packet receipt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com