Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 129 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 132Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 188 page
background image
129
4337K–USB–04/08
AT89C5130A/31A-M
21.4.4
Bulk/Interrupt IN Transactions in Ping-pong Mode
Figure 21-10. Bulk/Interrupt IN Transactions in Ping-pong Mode
An endpoint will be first enabled and configured before being able to send Bulk or Interrupt
packets.
The firmware will fill the FIFO bank 0 with the data to be sent and set the TXRDY bit in the UEP-
STAX register to allow the USB controller to send the data stored in FIFO at the next IN request
concerning the endpoint. The FIFO banks are automatically switched, and the firmware can
immediately write into the endpoint FIFO bank 1.
When the IN packet concerning the bank 0 has been sent and acknowledged by the Host, the
TXCMPL bit is set by the USB controller. This triggers a USB interrupt if enabled. The firmware
will clear the TXCMPL bit before filling the endpoint FIFO bank 0 with new data. The FIFO banks
are then automatically switched.
When the IN packet concerning the bank 1 has been sent and acknowledged by the Host, the
TXCMPL bit is set by the USB controller. This triggers a USB interrupt if enabled. The firmware
will clear the TXCMPL bit before filling the endpoint FIFO bank 1 with new data.
The bank switch is performed by the USB controller each time the TXRDY bit is set by the firm-
ware. Until the TXRDY bit has been set by the firmware for an endpoint bank, the USB controller
will answer a NAK handshake for each IN requests concerning this bank.
Note that in the example above, the firmware clears the Transmit Complete bit (TXCMPL) before
setting the Transmit Ready bit (TXRDY). This is done in order to avoid the firmware to clear at
the same time the TXCMPL bit for bank 0 and the bank 1.
IN
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Bank 0 - Write Byte 1
IN
NACK
TXCMPL
Endpoint FIFO Bank 0 - Write Byte 2
Endpoint FIFO Bank 0 - Write Byte n
Set TXRDY
Endpoint FIFO Bank 1 - Write Byte 1
Endpoint FIFO Bank 1 - Write Byte 2
Endpoint FIFO Bank 1 - Write Byte m
Set TXRDY
IN
DATA1 (m Bytes)
ACK
Endpoint FIFO Bank 0 - Write Byte 1
Endpoint FIFO Bank 0 - Write Byte 2
Endpoint FIFO Bank 0 - Write Byte p
Set TXRDY
Clear TXCMPL
IN
DATA0 (p Bytes)
ACK
TXCMPL
Clear TXCMPL
Endpoint FIFO Bank 1 - Write Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com