Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 132 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 132Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 133Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 134Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 135Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 188 page
background image
132
4337K–USB–04/08
AT89C5130A/31A-M
The firmware has to clear one of these two bits after having read all the data FIFO to allow a new
packet to be stored in the corresponding bank.
If the Host sends more bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct.
21.6.3
Isochronous IN Transactions in Standard Mode
An endpoint will be first enabled and configured before being able to send Isochronous packets.
The firmware will fill the FIFO with the data to be sent and set the TXRDY bit in the UEPSTAX
register to allow the USB controller to send the data stored in FIFO at the next IN request con-
cerning this endpoint.
If the TXRDY bit is not set when the IN request occurs, nothing will be sent by the USB
controller.
When the IN packet has been sent, the TXCMPL bit in the UEPSTAX register is set by the USB
controller. This triggers a USB interrupt if enabled. The firmware will clear the TXCMPL bit
before filling the endpoint FIFO with new data.
The firmware will never write more bytes than supported by the endpoint FIFO
21.6.4
Isochronous IN Transactions in Ping-pong Mode
An endpoint will be first enabled and configured before being able to send Isochronous packets.
The firmware will fill the FIFO bank 0 with the data to be sent and set the TXRDY bit in the UEP-
STAX register to allow the USB controller to send the data stored in FIFO at the next IN request
concerning the endpoint. The FIFO banks are automatically switched, and the firmware can
immediately write into the endpoint FIFO bank 1.
If the TXRDY bit is not set when the IN request occurs, nothing will be sent by the USB
controller.
When the IN packet concerning the bank 0 has been sent, the TXCMPL bit is set by the USB
controller. This triggers a USB interrupt if enabled. The firmware will clear the TXCMPL bit
before filling the endpoint FIFO bank 0 with new data. The FIFO banks are then automatically
switched.
When the IN packet concerning the bank 1 has been sent, the TXCMPL bit is set by the USB
controller. This triggers a USB interrupt if enabled. The firmware will clear the TXCMPL bit
before filling the endpoint FIFO bank 1 with new data.
The bank switch is performed by the USB controller each time the TXRDY bit is set by the firm-
ware. Until the TXRDY bit has been set by the firmware for an endpoint bank, the USB controller
won’t send anything at each IN requests concerning this bank.
The firmware will never write more bytes than supported by the endpoint FIFO.
21.7
Miscellaneous
21.7.1
USB Reset
The EORINT bit in the USBINT register is set by hardware when a End Of Reset has been
detected on the USB bus. This triggers a USB interrupt if enabled. The USB controller is still
enabled, but all the USB registers are reset by hardware. The firmware will clear the EORINT bit
to allow the next USB reset detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com