Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 4Page - Semtech Corporation SC417 Datasheet HTML 5Page - Semtech Corporation SC417 Datasheet HTML 6Page - Semtech Corporation SC417 Datasheet HTML 7Page - Semtech Corporation SC417 Datasheet HTML 8Page - Semtech Corporation SC417 Datasheet HTML 9Page - Semtech Corporation SC417 Datasheet HTML 10Page - Semtech Corporation SC417 Datasheet HTML 11Page - Semtech Corporation SC417 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SC417/SC427
8
Typical Characteristics (continued)
V
OUT vs. Load — Powersave Mode
1.000
1.025
1.050
1.075
1.100
0.10
1.00
10.00
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
IOUT (A)
+1%
-1%
Characteristics in this section are based on using the Typical Application Circuit on page 2 (SC417).
V
OUT vs. Line — Forced Continuous Mode
1.000
1.025
1.050
1.075
1.100
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
VIN (V)
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
+1%
-1%
Ultrasonic Powersave Mode — No Load
Time (10μs/div)
(50mV/div)
(10V/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 0A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
1.073V
Δ V ~ 29mV
1.044V
f=26.22kHz
Forced Continuous Mode — No Load
Time (2μs/div)
(50mV/div)
(10V/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 0A, V
LDO
= V
5V
= ENL = 5V, EN/PSV= float
1.078V
Δ V ~ 30mV
1.048V
f=227.4kHz
Time (100μs/div)
Enabled Loaded Output — Full Scale
(50mV/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 1A, V
LDO
= V
5V
= ENL = 5V. EN/PSV= 5V
1.05V
0V
ΔV/ΔT ~
1.4V/ms
Enabled Loaded Output — Power Good True
(500mV/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 1A, V
LDO
= V
5V
= ENL = 5V. EN/PSV= 5V
Time (400μs/div)
1.05V
0V
~2ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com