Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 18Page - Semtech Corporation SC417 Datasheet HTML 19Page - Semtech Corporation SC417 Datasheet HTML 20Page - Semtech Corporation SC417 Datasheet HTML 21Page - Semtech Corporation SC417 Datasheet HTML 22Page - Semtech Corporation SC417 Datasheet HTML 23Page - Semtech Corporation SC417 Datasheet HTML 24Page - Semtech Corporation SC417 Datasheet HTML 25Page - Semtech Corporation SC417 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SC417/SC427
22
Applications Information (continued)
inductor. If the load di/dt is not much faster than the -di/
dt in the inductor, then the inductor current will tend to
track the falling load current. This will reduce the excess
inductive energy that must be absorbed by the output
capacitor, therefore a smaller capacitance can be used.
The following can be used to calculate the needed capaci-
tance for a given dI
LOAD
/dt:
Peak inductor current is shown by the next equation.
I
LPK = IMAX + 1/2 x IRIPPLEMAX
I
LPK = 10 + 1/2 x 4.4 = 12.2A
dt
dl
Current
Load
of
change
of
Rate
LOAD
I
MAX = maximum load release = 10A
OUT
PK
LOAD
MAX
OUT
LPK
LPK
OUT
V
V
2
dt
dl
I
V
I
L
I
C
Example
s
A
5
.
2
dt
dl
Load LOAD
This would cause the output current to move from 10A to
zero in 4μs as shown by the following equation.
05
.
1
15
.
1
2
s
1
5
.
2
10
05
.
1
2
.
12
H
88
.
0
2
.
12
C
OUT
C
OUT = 379 μF
Note that C
OUT
is much smaller in this example, 379μF
compared to 595μF based on a worst-case load release. To
meet the two design criteria of minimum 379μF and
maximum 9mΩ ESR, select two capacitors rated at 220μF
and 15mΩ ESR.
It is recommended that an additional small capacitor be
placed in parallel with C
OUT
in order to filter high frequency
switching noise.
Stability Considerations
Unstable operation is possible with adaptive on-time con-
trollers, and usually takes the form of double-pulsing or
ESR loop instability.
Double-pulsing occurs due to switching noise seen at the
FB input or because the FB ripple voltage is too low. This
causes the FB comparator to trigger prematurely after the
250ns minimum off-time has expired. In extreme cases
the noise can cause three or more successive on-times.
Double-pulsing will result in higher ripple voltage at the
output, but in most applications it will not affect opera-
tion. This form of instability can usually be avoided by
providing the FB pin with a smooth, clean ripple signal
that is at least 10mVp-p, which may dictate the need to
increase the ESR of the output capacitors. It is also impera-
tive to provide a proper PCB layout as discussed in the
Layout Guidelines section.
Another way to eliminate doubling-pulsing is to add a
small (~ 10pF) capacitor across the upper feedback resis-
tor, as shown in Figure 13. This capacitor should be left
unpopulated until it can be confirmed that double-pulsing
exists. Adding the C
TOP
capacitor will couple more ripple
into FB to help eliminate the problem. An optional con-
nection on the PCB should be available for this capacitor.
VOUT
To FB pin
R2
R1
CTOP
Figure 13 — Capacitor Coupling to FB Pin
ESR loop instability is caused by insufficient ESR. The
details of this stability issue are discussed in the ESR
Requirements section. The best method for checking sta-
bility is to apply a zero-to-full load transient and observe
the output voltage ripple envelope for overshoot and
ringing. Ringing for more than one cycle after the initial
step is an indication that the ESR should be increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com