Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 20Page - Semtech Corporation SC417 Datasheet HTML 21Page - Semtech Corporation SC417 Datasheet HTML 22Page - Semtech Corporation SC417 Datasheet HTML 23Page - Semtech Corporation SC417 Datasheet HTML 24Page - Semtech Corporation SC417 Datasheet HTML 25Page - Semtech Corporation SC417 Datasheet HTML 26Page - Semtech Corporation SC417 Datasheet HTML 27Page - Semtech Corporation SC417 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
SC417/SC427
24
Applications Information (continued)
250kHz. Some frequency variation with line and load is
expected. This variation changes the output ripple
voltage. Because constant on-time converters regulate to
the valley of the output ripple, ½ of the output ripple
appears as a DC regulation error. For example, if the
output ripple is 50mV with V
IN
= 6 volts, then the measured
DC output will be 25mV above the comparator trip point.
If the ripple increases to 80mV with V
IN
= 25V, then the
measured DC output will be 40mV above the comparator
trip. The best way to minimize this effect is to minimize
the output ripple.
To compensate for valley regulation, it may be desirable to
use passive droop. Take the feedback directly from the
output side of the inductor and place a small amount of
trace resistance between the inductor and output capaci-
tor. This trace resistance should be optimized so that at
full load the output droops to near the lower regulation
limit. Passive droop minimizes the required output capaci-
tance because the voltage excursions due to load steps
are reduced as seen at the load.
The use of 1% feedback resistors contributes up to 1%
error. If tighter DC accuracy is required, 0.1% resistors
should be used.
The output inductor value may change with current. This
will change the output ripple and therefore will have a
minor effect on the DC output voltage. The output ESR
also affects the output ripple and thus has a minor effect
on the DC output voltage.
Switching Frequency Variations
The switching frequency will vary depending on line and
load conditions. The line variations are a result of fixed
propagation delays in the on-time one-shot, as well as
unavoidable delays in the external MOSFET switching. As
V
IN
increases, these factors make the actual DH on-time
slightly longer than the ideal on-time. The net effect is
that frequency tends to falls slightly with increasing input
voltage.
The switching frequency also varies with load current as a
result of the power losses in the MOSFETs and the induc-
tor. For a conventional PWM constant-frequency con-
verter, as load increases the duty cycle also increases
slightly to compensate for IR and switching losses in the
MOSFETs and inductor. A constant on-time converter
must also compensate for the same losses by increasing
the effective duty cycle (more time is spent drawing
energy from V
IN
as losses increase). The on-time is essen-
tially constant for a given V
OUT
/V
IN
combination, to offset
the losses the off-time will tend to reduce slightly as load
increases. The net effect is that switching frequency
increases slightly with increasing load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com