Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 15Page - Semtech Corporation SC417 Datasheet HTML 16Page - Semtech Corporation SC417 Datasheet HTML 17Page - Semtech Corporation SC417 Datasheet HTML 18Page - Semtech Corporation SC417 Datasheet HTML 19Page - Semtech Corporation SC417 Datasheet HTML 20Page - Semtech Corporation SC417 Datasheet HTML 21Page - Semtech Corporation SC417 Datasheet HTML 22Page - Semtech Corporation SC417 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SC417/SC427
19
Switch-over Limitations on VOUT and VLDO
Because the internal switch-over circuit always compares
the VOUT and VLDO pins at start-up, there are limitations
on permissible combinations of VOUT and VLDO. Consider
the case where VOUT is programmed to 1.5V and VLDO is
programmed to 1.8V. After start-up, the device would
connect VOUT to VLDO and disable the LDO, since the two
voltage are within the ±300mV switch-over window. To
avoid unwanted switch-over, the minimum difference
between the voltages for VOUT and VLDO should be
±500mV.
It is not recommended to use the switch-over feature for
an output voltage less than 3V since this does not provide
sufficient voltage for the gate-source drive to the internal
p-channel switch-over MOSFET.
Switch-over MOSFET Parasitic Diodes
The switch-over MOSFET contains parasitic diodes that
are inherent to its construction, as shown in Figure 11.
Switchover
MOSFET
Parasitic diode
Parasitic diode
V5V
VLDO
VOUT
Switchover
control
Figure 11— Switch-over MOSFET Parasitic Diodes
There are some important design rules that must be fol-
lowed to prevent forward bias of these diodes. The fol-
lowing two conditions need to be satisfied in order for the
parasitic diodes to stay off.
V5V ≥ V
LDO
V5V ≥ V
OUT
If either V
LDO
or V
OUT
is higher than V5V, then the respective
diode will turn on and the SC417/SC427 operating current
will flow through this diode. This has the potential of
damaging the device.
•
•
ENL pin and VIN UVLO
The ENL pin also acts as the switcher under-voltage
lockout for the V
IN
supply. The V
IN
UVLO voltage is pro-
grammable via a resistor divider at the VIN, ENL and AGND
pins.
ENL is the enable/disable signal for the LDO. In order to
implement the VIN UVLO there is also a timing require-
ment that needs to be satisfied.
If the ENL pin transitions low within 2 switching cycles and
is < 1V, then the LDO will turn off but the switcher remains
on. If ENL goes below the VIN UVLO threshold and stays
above 1V, then the switcher will turn off but the LDO
remains on.
The VIN UVLO function has a typical threshold of 2.6V on
the VIN rising edge. The falling edge threshold is 2.4V.
Note that it is possible to operate the switcher with the
LDO disabled, but the ENL pin must be below the logic
low threshold (0.4V maximum).
ENL Logic Control of PWM Operation
When the ENL input is driven above 2.6V, it is impossible
to determine if the LDO output is going to be used to
power the device or not. In self-powered operation where
the LDO will power the device, it is necessary during the
LDO start-up to hold the PWM switching off until the LDO
has reached 90% of the final value. This is to prevent over-
loading the current-limited LDO output during the LDO
start-up. However, if the switcher was previously operat-
ing (with EN/PSV high but ENL at ground, and V5V sup-
plied externally), then it is undesirable to shut down the
switcher.
To prevent this, when the ENL input is taken above 2.6V
(above the VIN UVLO threshold), the internal logic checks
the PGOOD signal. If PGOOD is high, then the switcher is
already running and the LDO will run through the start-up
cycle without affecting the switcher. If PGOOD is low, then
the LDO will not allow any PWM switching until the LDO
output has reached 90% of it’s final value.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com