Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 12Page - Semtech Corporation SC417 Datasheet HTML 13Page - Semtech Corporation SC417 Datasheet HTML 14Page - Semtech Corporation SC417 Datasheet HTML 15Page - Semtech Corporation SC417 Datasheet HTML 16Page - Semtech Corporation SC417 Datasheet HTML 17Page - Semtech Corporation SC417 Datasheet HTML 18Page - Semtech Corporation SC417 Datasheet HTML 19Page - Semtech Corporation SC417 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SC417/SC427
16
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
(500mV)
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 6 — Power-save Operation
Smart Power-save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT
to slowly rise and
reach the over-voltage threshold, resulting in a hard shut-
down. Smart power-save prevents this condition. When
the FB voltage exceeds 10% above nominal (exceeds
550mV), the device immediately disables power-save, and
DL drives high to turn on the low-side MOSFET. This draws
current from V
OUT
through the inductor and causes V
OUT
to
fall. When V
FB
drops back to the 500mV trip point, a normal
T
ON
switching cycle begins. This method prevents a hard
OVP shutdown and also cycles energy from V
OUT
back to
V
IN
. It also minimizes operating power by avoiding forced
conduction mode operation. Figure 7 shows typical wave-
forms for the Smart Power-save feature.
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold (550mV)
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after DH
on-time pulse
Normal VOUT ripple
Figure 7 — Smart Power-save
Current Limit Protection
The device features programmable current limiting, which
is accomplished by using the RDSON of the lower MOSFET
for current sensing. The current limit is set by R
ILIM
resistor.
The R
ILIM
resistor connects from the ILIM pin to the LX pin
which is also the drain of the low-side MOSFET. When the
low-side MOSFET is on, an internal ~10μA current flows
from the ILIM pin and through the R
ILIM
resistor, creating a
voltage drop across the resistor. While the low-side
MOSFET is on, the inductor current flows through it and
creates a voltage across the RDS
(ON)
. The voltage across the
MOSFET is negative with respect to ground. If this MOSFET
voltage drop exceeds the voltage across R
ILIM
, the voltage
at the ILIM pin will be negative and current limit will acti-
vate. The current limit then keeps the low-side MOSFET on
and will not allow another high-side on-time, until the
current in the low-side MOSFET reduces enough to bring
the ILIM voltage back up to zero. This method regulates
the inductor valley current at the level shown by ILIM in
Figure 8.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com