Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 21Page - Semtech Corporation SC417 Datasheet HTML 22Page - Semtech Corporation SC417 Datasheet HTML 23Page - Semtech Corporation SC417 Datasheet HTML 24Page - Semtech Corporation SC417 Datasheet HTML 25Page - Semtech Corporation SC417 Datasheet HTML 26Page - Semtech Corporation SC417 Datasheet HTML 27Page - Semtech Corporation SC417 Datasheet HTML 28Page - Semtech Corporation SC417 Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
SC417/SC427
28
Outline Drawing — MLPQ-5x5-32
B
aaa
C
C
SEATING
PLANE
1
2
N
bbb
C A B
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
2.
1.
A
PIN 1
INDICATOR
(LASER MARK)
D
E
A2
bxN
A
A1
e
LxN
E1
0.76
0.76
3.48
1.05
D1
1.66
1.49
PIN 1
IDENTIFICATION
R0.20
3.61
MILLIMETERS
0.50 BSC
.002
-
0.00
.000
A1
.193
.193
.135
.076
.012
.007
E1
aaa
bbb
N
e
L
A2
D1
D
E
b
.020 BSC
.137
.016
.003
.004
32
.197
(.008)
.078
.197
.010
-
3.43
.139
.020
0.30
.201
.201
.080
-
.012
4.90
4.90
1.92
-
0.18
.031
MIN
DIM
A
MAX
DIMENSIONS
INCHES
-
NOM
.039
0.80
MIN
-
0.05
5.10
5.10
3.53
2.02
0.50
0.30
3.48
0.40
0.10
0.08
32
5.00
(0.20)
1.97
5.00
0.25
-
1.00
MAX
-
NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com