Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 5Page - Semtech Corporation SC417 Datasheet HTML 6Page - Semtech Corporation SC417 Datasheet HTML 7Page - Semtech Corporation SC417 Datasheet HTML 8Page - Semtech Corporation SC417 Datasheet HTML 9Page - Semtech Corporation SC417 Datasheet HTML 10Page - Semtech Corporation SC417 Datasheet HTML 11Page - Semtech Corporation SC417 Datasheet HTML 12Page - Semtech Corporation SC417 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SC417/SC427
9
Typical Characteristics (continued)
Characteristics in this section are based on using the Typical Application Circuit on page 2 (SC417).
Transient Response — Load Rising
Time (10μs/div)
(50mV/div)
(10A/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 0A to 10A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
1.063V
1.025V
Output Over-current Response — Normal Operation
Time (100μs/div)
(500mV/div)
(10V/div)
(10A/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, V
LDO
= V
5V
= ENL = 5V, EN/PSV= floating; I
OUT
ramped to trip point
1.05V
I
OUT
= 10.37A
0V
Output Under-voltage Response — Normal Operation
Time (100μs/div)
(500mV/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 0A, V
LDO
= V
5V
= ENL = 5V, floating EN/PSV
V
2
~710mV
Transient Response — Load Falling
Time (10μs/div)
(50mV/div)
(10A/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1.05V, I
OUT
= 10A to 0A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
1.101V
1.055V
Time (400μs/div)
Self-Biased Start-Up — Power Good True
(10V/div)
(2V/div)
(5V/div)
V
IN
= 0V to 12V step, V
OUT
= 1.05V, I
OUT
= 0A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
1.05V
0V
ΔV/ΔT ~
1.4 V/ms
(500mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com