Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1486ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
+5V Bias Supplies
The SC1486 requires an external +5V bias supply in ad-
dition to the battery. If stand-alone capability is required,
the +5V supply can be generated with an external linear
regulator such as the Semtech LP2951A. To minimize
channel to channel crosstalk, each controller has 4 sup-
ply pins, VDDP, PGND, VCCA and AGND.
To avoid ground loops, separate AGND planes are rec-
ommended. Each contoller requires its own AGND plane
which should be tied by a single trace to the negative
terminal of that controller’s output capacitor. All external
components referenced to AGND in the schematic should
then be connected to the appropriate AGND plane. The
supply decoupling capacitor for controller 1 should be
tied between VCCA1 and AGND1. Likewise, the supply
decoupling capacitor for controller 2 should be tied be-
tween VCCA2 and AGND2. A single 10 ohms resistor
should be used to decouple the VCCA supplies from the
main VDDP supplies. PGND can then be a separate plane
which is not used for routing traces. All PGND connec-
tions are connected directly to this plane with special
attention given to avoiding indirect connections which
may create ground loops. As mentioned above, the two
AGND planes must be connected to the PGND plane at
the negative terminal of the respective output capaci-
tors. The VDDP1 and VDDP2 input provides power to
the upper and lower gate drivers. A decoupling capacitor
for each supply is recommended. No series resistor be-
tween VDDP and the 5 volt bias is required.
Pseudo-fixed Frequency Constant On-Time PWM
Controller
The PWM control architecture consists of a constant-on-
time, pseudo fixed frequency PWM controller, (Figure 1).
The output ripple voltage developed across the output
filter capacitor’s ESR provides the PWM ramp signal elimi-
nating the need for a current sense resistor. The high-
side switch on-time is determined by a one-shot whose
period is directly proportional to output voltage and in-
versely proportional to input voltage. A second one-shot
sets the minimum off-time which is typically 400ns.
On-Time One-Shot (T
ON)
The on-time one-shot comparator has two inputs. One
input looks at the output voltage, while the other input
samples the input voltage and converts it to a current.
This input voltage proportional current is used to charge
an internal on-time capacitor. The TON time is the time
required for the voltage on this capacitor to charge from
zero volts to VOUT, thereby making the on-time of the
high-side switch directly proportional to output voltage
and inversely proportional to input voltage. This imple-
mentation results in a nearly constant switching frequency
without the need of a clock generator.


•
+
•
=
−
IN
OUT
3
TON
12
ON
V
V
)
10
x
37
R
(
10
x
3
.
3
T
+50ns
RTON is a resistor connected from the input supply to the
TON pin.
Enable & Psave
The EN/PSV pin enables the VDDQ (2.5 volt) supply.
REFIN and VDDP2 enable the VTT (1.25 volt) supply. The
VTT and VDDQ supplies may be enabled independently.
When EN/PSV is tied to VCCA the VDDQ controller is
enabled and power save will also be enabled. When the
EN/PSV pin is tristated, an internal pulled-up will acti-
vate the VDDQ controller and power save will be disabled.
If PSAVE is enabled, the SC1486 PSAVE comparator will
look for the inductor current to cross zero on eight con-
secutive cycles. Once observed, the controller will enter
power save and turn off the low side MOSFET when the
current crosses zero. To improve the efficiency and add
hysteresis, the on time is increased by 50% in power
save. The efficiency improvement at light loads more than
offsets the disadvantage of slighlty higher output ripple.
If the inductor current does not cross zero on any switch-
ing cycle, the controller will immediately exit power save.
Since the controller counts crossings, the converter can
sink current as long as the current does not cross zero
on eight consecutive cycles. This allows the output volt-
age to recover quickly in response to negative load steps
even when psave is enabled.Since the VTT supply must
sink current, this controller does not have a power save
option. If REFIN is low, the VTT controller shuts down to
a low bias current. If Refin is greater than 1 volt, and
VDDP2 is low, the reference buffer is active, but the VTT
buck converter is disabled (S3 state). If REFIN is greater
than 1 volt and VDDP is greater than 4 volts, the VTT
supply is active.
Output Voltage Selection
The output voltage selection is set by the feedback re-
sistors R2 & R3 of Figure 3. The internal reference is
1.5V. The internal feedback pin is multiplied by three to
match the 1.5V reference. Therefore the output can
beselected to a minimum of 0.5V. The equation for set-
ting he output voltage based on Figure 3 is:
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com