Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1486ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
Power Good Output
Each controller has its own PGOOD. Power good is an
open-drain output and requires a pull-up resistor. When
the output voltage is 10% above or below its set voltage,
PGOOD gets pulled low. It is held low until the output
voltage returns to within 10% of the output set voltage.
PGOOD is also held low during start-up and will not be
allowed to transition high until soft start is over and the
output reaches 90% of its set voltage. There is a 2us
delay built into the PGOOD circuit to prevent false transi-
tions.
Output Overvoltage Protection
When the output exceeds 10% of the its set voltage the
low-side MOSFET is latched on. It stays latched and the
SMPS is off until the enable input, REFIN or VCCA is
toggled. There is a 2us delay built into the OV protection
circuit to prevent false transitions. A OV fault in either
controller will not cause the other one to shutdown. Note:
to reset VDDQ from a fault, VCCA1 or EN/PSV must be
togled. To reset VTT from a fault, VCCA2 or REFIN must
be togled.
Output Undervoltage Protection
When the output is 30% below its set voltage the output
is latched in a tristated condition, and the SMPS is off
until the enable input is toggled. There is a 2us delay
built into the UV protection circuit to prevent false transi-
tions. An UV fault in either controller will not effect the
other controller.
POR, UVLO and Softstart
An internal power-on reset (POR) occurs when VCCA1 and
VCCA2 exceed 3V, resetting the fault latch and soft-start
counter, and preparing the PWM for switching. VCCA
undervoltage lockout (UVLO) circuitry inhibits switching
and forces the DL gate driver high until VCCA rises above
4.2V. At this time the circuit will come out of UVLO and
begin switching, and the softstart circuit being enabled,
will progressively limit the output current over a prede-
termined time period. The ramp occurs in four steps: 25%,
50%, 75% and 100%, thereby limiting the slew rate of
the output voltage. There is 100mV of hysteresis built
into the UVLO circuit and when the VCCA falls to 4.1V the
output drivers are shutdown and tristated.
MOSFET Gate Drivers
The DH and DL drivers are optimized for driving moder-
ate-sized high-side, and larger low-side power MOSFETs.
An adaptive dead-time circuit monitors the DL output and
prevents the high-side MOSFET from turning on, until DL
is fully off, and conversely, monitors the DH output and
prevents the low-side MOSFET from turning on until DH
is fully off. Be sure there is low resistance and low induc-
tance between the DH and DL outputs to the gate of
each MOSFET.
Design Procedure
Prior to any design of a switch mode power supply (SMPS)
for notebook computers, determination of input voltage,
load current, switching frequency and inductor ripple cur-
rent must be specified.
Input Voltage Range
The maximum input voltage (VIN
MAX) is determined by the
highest AC adaptor voltage. The minimum input voltage
(VIN
MIN) is determined by the lowest battery voltage after
accounting for voltage drops due to connectors, fuses
and battery selector switches.
Maximum Load Current
There are two values of load current to consider. Con-
tinuous load current and peak load current. Continuous
load current has more to do with thermal stresses and
therefore drives the selection of input capacitors,
MOSFETs and commutation diodes. Whereas, peak load
current determines instantaneous component stresses
and filtering requirements such as, inductor saturation,
output capacitors and design of the current limit circuit.
Switching Frequency
Switching frequency determines the trade-off between
size and efficiency. Increased frequency increases the
switching losses in the MOSFETs, since losses are a func-
tion of VIN2. Knowing the maximum input voltage and
budget for MOSFET switches usually dictates where the
design ends up.
Inductor Ripple Current
Low inductor values create higher ripple current, result-
ing in smaller size, but are less efficient because of the
high AC currents flowing through the inductor. Higher in-
ductor values do reduce the ripple current and are more
efficient, but are larger and more costly. The selection of
the ripple current is based on the maximum output cur-
rent and tends to be between 20% to 50% of the maxi-
mum load current. Again, cost, size and efficiency all play
a part in the selection process.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com