Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1486ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
5
.
0
3
R
2
R
1
Vout
•
 +
=
Current Limit Circuit
Current limiting of the SC1486 can be accomplished in
two ways. The on-state resistance of the low-side
MOSFETs can be used as the current sensing element
or sense resistors in the low-side sources can be used if
greater accuracy is desired. RDSON sensing is more effi-
cient and less expensive. In both cases, the R
ILIM resis-
tors between the ILIM pin and LX set the over current
threshold. This resistor R
ILIM is connected to a 10uA cur-
rent source within the SC1486 which is turned on when
the low side MOSFET turns on. When the voltage drop
across the sense resistor or low side MOSFET equals the
voltage across the R
ILIMresistor, current limit will activate.
The high side will not be allowed to turn on until the volt-
age drop across the sense element (resistor or MOSFET)
falls below the voltage across the R
ILIM resistor.
The current sensing circuit actually regulates the induc-
tor valley current (see Figure 2). This means that if the
current limit is set to 10A, the peak current through the
inductor would be 10A plus the peak ripple current, and
the average current through the inductor would be 10A
plus 1/2 the peak-to-peak ripple current. The equations
for setting the valley current and calculating the average
current through the inductor are shown below:
ILIMIT
ILOAD
IPEAK
TIME
Valley Current-Limit Threshold Point
FIGURE 2
FIGURE 3
The schematic of RDS
ON sensing circuit is shown in Fig-
ure 3 with R
ILIM = R1 and RDSON of Q2.
Similarly, for resistor sensing, the current through the
lower MOSFET and the source sense resistor develops a
voltage that opposes the voltage developed across
R
ILIM.When the voltage developed across the RSENSE resis-
tor reaches voltage drop across R
ILIM, an over-current ex-
ists and the high side MOSFET will not be allowed to turn
on. The over-current equation when using an external
sense resistor is:
()
SENSE
ILIM
OC
R
R
A
10
Valley
IL
•
µ
=
Schematic of resistor sensing circuit is shown in Figure 4
with R
ILIM = R1 and RSENSE = R4.
FIGURE 4
D1
Vout
+5V
+VIN
L1
+
C1
Q2
+
C3
D2
R1
PGND
DL
VDDP
ILIM
LX
DH
BST
C2
Q1
Q1
Q2
+
C1
Vout
D1
R1
+5V
L1
+
C3
R4
D2
PGND
DL
VDDP
ILIM
LX
DH
BST
+VIN
C2
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com