Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC1486ITSTRT Datasheet HTML 1Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.semtech.com
SC1486
Dual Synchronous Buck Pseudo Fixed
Frequency DDR Power Supply Controller
POWER MANAGEMENT
Revision 5, January 2003
Description
Features
Applications
Typical Application Circuit
The SC1486 is a dual output constant on synchronous-
buck PWM controller optimized for cost effective mobile
DDR applications. Features include high efficiency, a fast
dynamic response with no minimum on time, a REFIN
input and a buffered REFOUT pin capable of sourcing
3mA. The excellent transient response means that
SC1486 based solutions will require less output
capacitance than competing fixed frequency converters.
The frequency is constant until a step in load or line voltage
occurs at which time the pulse density and frequency will
increase or decrease to counter the change in output or
input voltage.
The output voltage of the first controller can be adjusted
from 0.5V to VCCA. In DDR applications, this voltage is
set to 2.5 volts. A resistor divider from the 2.5 volt supply
is used to drive the REFIN pin of the second controller. A
unity gain buffer drives the REFOUT pin to the same
potential as REFIN. The second controller regulates its
output to REFOUT. Two frequency setting resistors set
the on-time for each buck controller. The frequency can
thus be tailored to minimize crosstalk. The integrated
gate drivers feature adaptive shoot-through protection
and soft switching. Additional features include cycle-by-
cycle current limit, digital soft-start, overvoltage and
under-voltage protection, and a PGOOD output for each
controller.
Notebook computers
CPU I/O supplies
Handheld terminals and PDAs
LCD monitors
Network power supplies
Constant on-time for fast dynamic response
VIN range = 1.8V – 25V
DC current sense using low-side RDS(ON) sensing
or sense resistor
Integrated reference buffer for VTT
Low power S3 state
Resistor programmable frequency
Cycle-by-cycle current limit
Digital soft-start
PSAVE option for VDDQ
Over-voltage/under-voltage fault protection
<20uA shutdown current
Low quiescent power dissipation
Two separate PGOOD indicators
Separate enable of each switcher
Integrated gate drivers with soft switching
Efficiency >90%
1% Internal reference
28 Lead TSSOP
Industrial temperature range
PGOOD1
EN1
+
C8
Q2
REFOUT
R10
L1
Q1
R3
PGND1
VBAT
VDDQ, 2.5V
+
C7
R11
R2
L2
VBAT
VDDQ/2
Q4
PGND1
VTT, 1.25V
SC1486
1
2
4
5
6
8
9
12
13
15
16
18
19
20
22
23
26
27
10
PGND1
DL1
ILIM1
LX1
DH1
REFIN
TON2
FBK2
PGOOD2
PGND2
DL2
ILIM2
LX2
DH2
EN/PSV1
TON1
FBK1
PGOOD1
REFOUT
Q3
R5
R4
PGOOD2
R1
R8


Similar Part No. - SC1486ITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1486ITSTR SEMTECH-SC1486ITSTR Datasheet
330Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
More results

Similar Description - SC1486ITSTRT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
SC1486A SEMTECH-SC1486A Datasheet
629Kb / 29P
Dual Synchronous Buck DDR and DDR2 Power Supply Controller
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com