Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC1486ITSTRT Datasheet HTML 1Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
r
e
ll
o
r
t
n
o
C
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
N
O
n
r
u
T
1
K
B
F
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V
V
5
2
o
t
V
2
=
T
A
B
V
0
0
5
.
05
9
4
.
05
0
5
.
0V
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
t
u
O
Q
D
D
V
5
.
0A
C
C
VV
y
ti
li
b
a
p
a
C
e
c
r
u
o
S
T
U
O
F
E
R
3A
m
y
c
a
r
u
c
c
A
C
D
T
U
O
F
E
R5
2
.
1
=
N
I
F
E
R
,
d
a
o
l
o
n4
2
.
16
2
.
18
3
2
.
12
6
2
.
1V
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
N
O
n
r
u
T
2
K
B
F
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V
V
5
2
o
t
V
2
=
T
A
B
V
T
U
O
F
E
RT
U
O
F
E
R
V
m
0
1
-
T
U
O
F
E
R
V
m
0
1
+
V
V
5
.
2
=
T
A
B
V
,
e
m
i
T
-
n
OR
N
O
T
,
)
z
H
k
0
0
3
(
M
1
=
V
T
U
O
V
5
2
.
1
=
0
6
6
11
1
4
19
0
9
1s
n
R
N
O
T
,
)
z
H
k
0
0
6
(
K
0
0
5
=
V
T
U
O
V
5
2
.
1
=
3
1
96
7
70
5
0
1s
n
e
m
i
T
ff
O
m
u
m
i
n
i
M
0
0
40
5
5s
n
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
T
U
O
V
)
r
e
ll
o
r
t
n
o
C
Q
D
D
V
(
0
0
5k
Ω
r
o
r
r
E
n
o
it
a
l
u
g
e
R
e
n
i
LV
5
.
5
o
t
V
5
.
4
=
P
D
D
V
,
A
C
C
V
V
5
2
o
t
V
5
.
4
=
T
A
B
V
4
0
.
0V
/
%
r
o
r
r
E
n
o
it
a
l
u
g
e
R
d
a
o
Lti
m
i
L
C
O
o
t
V
0
=
D
N
G
P
-
M
I
L
I
n
e
p
O
=
1
V
S
P
/
N
E
3
.
0%
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
1
K
B
F
0
.
1
-0
.
1
+A
µ
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
2
K
B
F
5
.
2A
µ
g
n
i
s
n
e
S
t
n
e
r
r
u
C
-
r
e
v
O
t
n
e
r
r
u
C
M
I
L
I
0
19
1
1A
µ
t
e
s
ff
O
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
CM
I
L
I
-
D
N
G
P0
1
-0
1
+V
m
E
V
A
S
P
d
l
o
h
s
e
r
h
T
g
n
i
s
s
o
r
C
-
o
r
e
ZX
L
-
D
N
G
P
V
5
=
1
V
S
P
/
N
E
5V
m
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
)
e
v
it
i
s
o
P
(
ti
m
i
L
t
n
e
r
r
u
C
)
2
(
)
X
L
-
D
N
G
P
(
R
M
I
L
I
k
5
=
Ω
0
55
3
-5
6V
m
R
M
I
L
I
k
0
1
=
Ω
0
0
10
80
2
1V
m
R
M
I
L
I
k
0
2
=
Ω
0
0
20
7
10
3
2V
m
)
e
v
it
a
g
e
N
(
ti
m
i
L
t
n
e
r
r
u
C
)
X
L
-
D
N
G
P
(
0
4
1
-0
0
2
-0
0
1
-V
m
Test Conditions: V
BAT = 15V, EN/PSV1 = 5V, REFIN=1.25V, VCCA1 = VDDP1 = VCCA2 =VDDP2= 5.0V, VVDDQ = 2.5, VVTT = 1.25, RTON1 = 1M, RTON2 = 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com