Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
DDR Supply Selection
The SC1486 can be configured so that VTT and VDQ are
generated directly from the battery. Alternatively, the VTT
supply can be generated from the VDDQ supply. Since
the battery configuration generally yields better efficiency
and performance, the eval board is configured to
generate both supplies from the battery.
DDR Reference Buffer
The reference buffer is capable of driving 3ma and sinking
25ua. Since the output is class A, if additional sinking i s
required an external pulldown resistor can be added.
Make sure that the ground side of this pulldown is tied
to the VTT AGND plane near the AGND2 pin of the
SC1486.
As with most opamps, a small resistor is required when
driving a capacitive load. To ensure stability use either a
10 ohm resistor in series with a 1uf capacitor or a 100
ohm resistor in series with a 0.1uF capacitor from
REFOUT to AGND2.
REFIN should also be filtered so that VDDQ ripple does
not appear at the REFIN pin. If a resistor divider is used
to create REFIN from VDDQ, then a 0.1uF capacitor from
REFIN to AGND2 will provide adequate filtering.
Thermal Considerations
The junction temperature of the device may be calculated
as follows:
C
P
T
T
JA
D
A
J
°
θ
•
+
=
Application Information (Cont.)
Where:
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient from
absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows:
() W
f
Q
V
I
VCCA
2
P
g
g
VCCA
D
•
•
+
•
•
=
Where:
VCCA = chip supply voltage (V)
I
VCCA = operating current (A)
V
g = gate drive voltage, typically 5V (V)
Q
g = FET gate charge, from the FET datasheet (C)
f = switching frequency (kHz)
Inserting the following values as an example:
T
A = 85°C
θ
JA = 37°C/W
VCCA = 5V
I
VCCA = 1100µA (data sheet maximum)
V
g = 5V
Q
g = 60nC
f = 300kHz (enter the higher of the two set frequencies
here)
gives us:
()
C
92
37
10
300
10
60
5
10
1100
5
2
85
T
3
9
6
J
°
=
•
•
•
•
•
+
•
•
•
+
=
−
−
As can be seen, the heating effects due to internal power
dissipation are practically negligible, thus requiring no
special consideration thermally during layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com