Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486ITSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1486ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1486ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1486ITSTRT Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
1
PO S
Vddq PWR
GOOD
1
2
Jumper Settings:
IN -- LEDs Enabled (Normal Mode)
OUT-- LEDs OFF (Bias measurements)
PGLE D 2
PGLE D 4
PGLE D 0
1
1
PO S
1
PO S
+
PGLE D 1
1
2
1
2
+
S
G
DD 1
4
1
PO S
PGLE D 3
EN 1
2
S
G
DD 1
2
Jumper Settings:
JP2
JP3
MODE
OUT
OUT
Vref ON, Vtt OFF (S3 Mode)
OUT
IN
Vref and Vtt OFF
IN
OUT
Normal Operation
IN
IN
Vref and Vtt OFF
1
2
3
EN 2
Zero Ohm Resistor Settings:
1 - 2 -- VIN_VTT = VBAT
2 - 3 -- VIN_VTT = 2.5V
1
Jumper Settings:
1 - 2 -- ENABLE + POWERSAVE
2 - 3 -- DISABLE
Open -- Enable + FIXED FREQUENCY
Vtt PWR
GOOD
1
2
Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com