Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 60Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 61Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 62Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 63Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 64Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 65Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 66Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
63
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 9-11. TX Operation (T_MODE = 0)
Write TX/RX Data Buffer (max. 16 - number of bytes still
in the TX/RX Data Buffer)
Write TX/RX Data Buffer (max. 16 byte)
Baud1, BAUD0:
Lim_max0 to Lim_max5:
Select baud rate range
Don't care
Write Control Register 6
Lim_min0 to Lim_min5:
Bit_ck0, Bit_ck1:
Select the baud rate
Don't care
Write Control Register 5
Set IDLE
OPM1, OPM0:
Write Control Register 1
N
Y
N
Y
Y
N
Pin IRQ = 1 ?
Idle Mode
TX Mode
Start-up
Mode (TX)
Idle Mode
Command: Delete_IRQ
TX more Data
Bytes ?
FR7, FR8:
VSOUT_EN:
CLK_ON:
Adjust fRF
Set VSOUT_EN = 1
Don't care
Write Control Register 3
FR0 to FR6:
P_mode:
Adjust fRF
Enable or disable the
Manchester modulator
Write Control Register 2
IR1, IR0:
AVCC_EN:
FS:
OPM1, OPM0:
T_mode:
Select an event which activates
an interrupt
Don't care
Select operation frequency
Set OPM1 = 0 and OPM0 = 1
Set T_mode = 0
Write Control Register 1
XLim:
ASK/_NFSK:
Sleep0 to Sleep4:
XSleep:
Select the bit rate
Select modulation
Don't care
Don't care
Write Control Register 4
Pin IRQ = 1 ?
TStartup = 331.5 × TDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com