Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 2Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 3Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 1-3.
Block Diagram
42
T4
Key input 4 (can also be used to switch on the system (active low))
43
T3
Key input 3 (can also be used to switch on the system (active low))
44
T2
Key input 2 (can also be used to switch on the system (active low))
45
T1
Key input 1 (can also be used to switch on the system (active low))
46
RX_ACTIVE
Indicates RX operation mode
47
NC
Not connected
48
NC
Not connected
GND
Ground/backplane
Table 1-1.
Pin Description (Continued)
Pin
Symbol
Function
Signal
Processing
(Mixer
IF-filter
IF-amplifier
FSK/ASK
Demodulator,
Data filter
Data Slicer)
TX/RX - Data buffer
Control register
Status register
Polling circuit
Bit-check logic
Digital Control Logic
Power
Supply
Switches
Regulators
Wake-up
Reset
RF transceiver
Fractional-N
frequency
synthesizer
VS2
VAUX
VSOUT
VS1
433_N868
PWR_H
CS
SDO_TMDO
IRQ
N_RESET
CLK
DEM_OUT
XTAL2
XTAL1
RSSI
CDEM
RF_IN
RX_TX2
RX_TX1
RF_OUT
R_PWR
DVCC
RX_ACTIVE
AVCC
GND
VSINT
LNA
SPI
XTO
Reset
PA
RX/TX
switch
Frontend Enable
PA_Enable (ASK)
Demod_Out
FREF
FREQ
RX/TX
13
TX_DATA (FSK)
Microcontroller
interface
SCK
SDI_TMDI
T4
T5
TEST2
TEST1
T1
T3
T2
PWR_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com