Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
29
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
4.1
Pin CLK
Pin CLK is an output to clock a connected microcontroller. The clock frequency f
CLK is calculated
as follows:
Because the enabling of pin CLK is asynchronous, the first clock cycle may be incomplete. The
signal at CLK output has a nominal 50% duty cycle.
Figure 4-3.
Clock Timing
4.2
Basic Clock Cycle of the Digital Circuitry
The complete timing of the digital circuitry is derived from one clock. As shown in Figure 4-2
on page 27, this clock cycle T
DCLK is derived from the crystal oscillator (XTO) in combination with
a divider.
T
DCLK controls the following application relevant parameters:
• Timing of the polling circuit including bit check
• TX bit rate
The clock cycle of the bit check and the TX bit rate depends on the selected bit-rate range
(BR_Range) which is defined in control register 6 (see Table 7-20 on page 42) and XLim which
is defined in control register 4 (see Table 7-13 on page 40). This clock cycle T
XDCLK is defined by
the following formulas for further reference:
BR_Range
⇒
BR_Range 0: T
XDCLK = 8 × TDCLK × XLim
BR_Range 1: T
XDCLK = 4 × TDCLK × XLim
BR_Range 2: T
XDCLK = 2 × TDCLK × XLim
BR_Range 3: T
XDCLK = 1 × TDCLK × XLim
f
CLK
f
XTO
3
-----------
=
CLK_ON
(Control register 3)
N_RESET
CLK
VSOUT
V
Thres_2 = 2.38V (typically)
V
Thres_1 = 2.3V (typically)
f
DCLK
f
XTO
16
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com