Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 66Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 67Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 68Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 69Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 70Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 71Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 72Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 73Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
2.6
Maximum frequency
offset in FSK mode
Maximum frequency
difference of fRF
between receiver and
transmitter in FSK
mode (fRF is the center
frequency of the FSK
signal with
fDEV = ±16 kHz)
(4)
∆f
OFFSET
–58
+58
kHz
B
2.7
Supported FSK frequency
deviation
With up to 2 dB
loss of sensitivity.
Note that the tolerable
frequency offset is for
f
DEV = ±22 kHz, 6 kHz
lower than for
fDEV = ±16 kHz hence
∆f
OFFSET ≤ ±52 kHz
(4)
f
DEV
±14
±16
±22
kHz
B
2.8
System noise figure
f
RF = 315 MHz
(4)
NF
6.0
dB
B
f
RF = 345 MHz
(4)
NF
6.2
dB
B
f
RF = 433.92 MHz
(4)
NF
7.0
dB
B
fRF = 868.3 MHz
(4)
NF
9.7
dB
B
fRF = 915 MHz
(4)
NF
10.3
dB
B
2.9
Intermediate frequency
fRF = 315 MHz
fIF
227
kHz
A
fRF = 345 MHz
fIF
235
kHz
A
fRF = 433.92 MHz
fIF
223
kHz
A
fRF = 868.3 MHz
fIF
226
kHz
A
fRF = 915 MHz
fIF
238
kHz
A
2.10 System bandwidth
This value is for
information only!
Note that for crystal and
system frequency offset
calculations,
∆f
OFFSET
must be used.
(4)
SBW
185
kHz
A
2.11
System outband
2nd
-order input intercept
point with respect to fIF
∆f
meas1 = 1,800 MHz
∆f
meas2 = 2,026 MHz
fIF = ∆fmeas2 – ∆fmeas1
(4)
IIP2
+50
dBm
C
12. Electrical Characteristics: General (Continued)
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and VVS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com