Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 81Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 82Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 83Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 84Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 85Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 86Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 87Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
85
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
13. Electrical Characteristics: 1 Li Battery Application (3V)
All parameters refer to GND and are valid for T
amb = 25°C, VVS1 = VVS2 = 3.0V. Application according to Figure 2-1 on page 7.
fRF = 315 MHz/345 MHz/433.92 MHz/868.3 MHz/915 MHz unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
9
1 Li Battery Application (3V)
9.1
Supported voltage
range (every mode
except high power TX
mode)
1
Li battery application
(3V)
PWR_H = GND
17, 18
V
VS1, VVS2
2.4
3.6
V
A
9.2
Supported voltage
range (high power TX
mode)
1
Li battery application
(3V)
PWR_H = AVCC
17, 18
V
VS1, VVS2
2.7
3.6
V
A
9.3
Power supply output
voltage
1
Li battery application
(3V)
VVS1 =VVS2 ≥ 2.6V
VAUX open(1)
IVSOUT ≤ 13.5 mA
(no voltage regulator to
stabilize V
VSOUT)
V
VS1 = VVS2 ≥ 2.425V
VAUX open(1)
IVSOUT ≤ 1.5 mA
(no voltage regulator to
stabilize VVSOUT)
22
V
VSOUT
2.4
V
VS1
VB
9.4
Supply voltage for
microcontroller
interface
27
V
VSINT
2.4
5.25
V
A
9.5
Threshold hysteresis
VThres_2 – VThres_1
22
∆V
Thres
60
80
100
mV
B
9.6
Reset threshold voltage
at pin VSOUT
(N_RESET)
22
VThres_1
2.18
2.3
2.42
V
A
9.7
Reset threshold voltage
at pin VSOUT
(Low_Batt)
22
VThres_2
2.26
2.38
2.5
V
A
9.8
Supply current
OFF mode
V
VS1 = VVS2 ≤ 3.6V
VVSINT = 0V
17, 18,
22, 27
IS_OFF
2
350
nA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. The voltage of VAUX may rise up to 2V. The current I
VAUX may not exceed 100 µA.
IIDLE_VS1,2 or
IRX_VS1,2 or
IStartup_PLL_VS1,2 or
ITX_VS1,2
VS1
VS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com