Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
31
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
AVCC is the internal operation voltage of the RF transceiver and is fed by VS1 via the switch
SW_AVCC. AVCC must be blocked with a 68 nF capacitor (see Figure 2-1 on page 7, Figure 2.2
on page 8 and Figure 2-3 on page 9).
DVCC is the internal operation voltage of the digital control logic and is fed by VS1 or VSOUT
via the switch SW_DVCC. DVCC must be blocked on pin DVCC with 68 nF (see Figure 2-1 on
page 7, Figure 2.2 on page 8 and Figure 2-3 on page 9).
Pin VSOUT is a power supply output voltage for external devices (for example, microcontrollers)
and is fed by VS1 via the switch SW_VSOUT, or by the auxiliary voltage supply VAUX via
V_REG2. The voltage regulator V_REG2 regulates VSOUT to typically 3.25V. If the voltage reg-
ulator is active, a blocking capacitor of 2.2 µF has to be connected to VSOUT. VSOUT can be
switched off by the VSOUT_EN bit in control register 3 and is then reactivated by conditions
found in Figure 5-2 on page 32.
Pin N_RESET is set to low if the voltage V
VSOUT at pin VSOUT drops below 2.3V (typically) and
can be used as a reset signal for a connected microcontroller (see Figure 5-3 on page 34 and
Figure 5-4 on page 35).
Pin PWR_ON is an input to switch on the transceiver (active high).
Pin T1 to T5 are inputs for push buttons and can also be used to switch on the transceiver
(active low).
For current consumption reasons it is recommended to set T1 to T5 to GND, or PWR_ON to
VCC only temporarily. Otherwise, an additional current flows because of a 50 k
Ωpull-up resistor.
There are two voltage monitors generating the following signals (see Figure 5-1 on page 30):
• DVCC_OK if DVCC > 1.5V typically
• VSOUT_OK if VSOUT > V
Thres1 (2.3V typically)
• Low_Batt if VSOUT < V
Thres2 (2.38V typically)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com