Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5428-PLSW Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
19
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 3-7.
FSK-modulated TX Spectrum (433.92MHz/20 Kbit/s/±16.17 kHz/Manchester Code)
Figure 3-8.
Unmodulated TX Spectrum 433.92 MHz – 16.17 kHz (f
FSK_L)
Atten 20 dB
VAvg
50
S3 FC
W1 S2
Ref 10 dB
Span 30 MHz
Sweep 7.5 ms (401 pts)
Center 433.92 MHz
VBW 100 kHz
Res BW 100 kHz
Samp
Log
dB/
10
Atten 20 dB
Span 1 MHz
Sweep 27.5 ms (401 pts)
Center 433.92 MHz
VBW 10 kHz
Res BW 10 kHz
VAvg
50
S3 FC
W1 S2
Ref 10 dB
Samp
Log
dB/
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com