Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 5 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 5 Page - Altech corporation

  UL1077 Datasheet HTML 1Page - Altech corporation UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
8
UL508 listed
E205412
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
2P18U3/4
4
2x2pole
66.3
2P18U3/6
6
3x2pole
101.8
2P18U3/8
8
4x2pole
137.3
2P18U3/10
10
5x2pole
172.8
2P18U3/12
12
6x2pole
208.3
2P18U3/14
14
7x2pole
243.8
2P18U3/16
16
8x2pole
279.3
2P18U3/18
18
9x2pole
314.8
2P18U3/20
20
10x2pole
350.3
2P18U3/22
22
11x2pole
385.8
2P18U3/24
24
12x2pole
421.3
2P18U3/26
26
13x2pole
456.8
2P18U3/28
28
14x2pole
492.3
2P18U3/30
30
15x2pole
527.8
2P18U3/32
32
16x2pole
563.3
2P18U3/34
34
17x2pole
598.8
2P18U3/36
36
18x2pole
634.3
2P18U3/38
38
19x2pole
669.8
2P18U3/40
40
20x2pole
705.3
2P18U3/42
42
21x2pole
740.8
2P18U3/44
44
22x2pole
776.3
2P18U3/46
46
23x2pole
811.8
2P18U3/48
48
24x2pole
847.3
2P18U3/50
50
25x2pole
882.8
2P18U3/52
52
26x2pole
918.3
2P18U3/54
54
27x2pole
953.8
2P18U3/56
56
28x2pole
989.3
55x17.75=976mm(38.43in.)
991mm(39.02in.)
17.75mm
(0.70in.)
7mm
(0.28in.)
InsulationTrack
Copperstrips
EndCap
L2 L1
EndCap
L2L1
21mm
(0.83in.)
2mm(.079in.)
2PHASEBUSBAR-standardspacing
18mm2for80A
/25mm2for100A
ACCESSORIES
25mm2for100A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
2P25U3/4
4
2x2pole
66.3
2P25U3/6
6
3x2pole
101.8
2P25U3/8
8
4x2pole
137.3
2P25U3/10
10
5x2pole
172.8
2P25U3/12
12
6x2pole
208.3
2P25U3/14
14
7x2pole
243.8
2P25U3/16
16
8x2pole
279.3
2P25U3/18
18
9x2pole
314.8
2P25U3/20
20
10x2pole
350.3
2P25U3/22
22
11x2pole
385.8
2P25U3/24
24
12x2pole
421.3
2P25U3/26
26
13x2pole
456.8
2P25U3/28
28
14x2pole
492.3
2P25U3/30
30
15x2pole
527.8
2P25U3/32
32
16x2pole
563.3
2P25U3/34
34
17x2pole
598.8
2P25U3/36
36
18x2pole
634.3
2P25U3/38
38
19x2pole
669.8
2P25U3/40
40
20x2pole
705.3
2P25U3/42
42
21x2pole
740.8
2P25U3/44
44
22x2pole
776.3
2P25U3/46
46
23x2pole
811.8
2P25U3/48
48
24x2pole
847.3
2P25U3/50
50
25x2pole
882.8
2P25U3/52
52
26x2pole
918.3
2P25U3/54
54
27x2pole
953.8
2P25U3/56
56
28x2pole
989.3
Type/Cat.No:
P50UT
P50UB
BRS5
18/25CAP3P
Description: PowerFeedLug ModularDirectPowerFeed InsulationCap
EndCap



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com