Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 4 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 4 Page - Altech corporation

  UL1077 Datasheet HTML 1Page - Altech corporation UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
7
UL508 listed
E205412
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
1P18U1H/2
2
2x1pole
39.0
1P18U1H/3
3
3x1pole
66.0
1P18U1H/4
4
4x1pole
93.0
1P18U1H/5
5
5x1pole
120.0
1P18U1H/6
6
6x1pole
147.0
1P18U1H/7
7
7x1pole
174.0
1P18U1H/8
8
8x1pole
201.0
1P18U1H/9
9
9x1pole
228.0
1P18U1H/10 10
10x1pole
255.0
1P18U1H/11
11
11x1pole
282.0
1P18U1H/12 12
12x1pole
309.0
1P18U1H/13 13
13x1pole
336.0
1P18U1H/14 14
14x1pole
363.0
1P18U1H/15 15
15x1pole
390.0
1P18U1H/16 16
16x1pole
417.0
1P18U1H/17 17
17x1pole
444.0
1P18U1H/18 18
18x1pole
471.0
1P18U1H/19 19
19x1pole
498.0
36x27=972mm(38.27in.)
27mm(1.06in.)
4mm(0.16in.)
15mm(0.59in.)
2mm(0.79in.)
982mm(38.66in.)
1PHASEBUSBAR-1/2polespacing
18mm2for80A
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
1P18U1H/20 20
20x1pole
525.0
1P18U1H/21 21
21x1pole
552.0
1P18U1H/22 22
22x1pole
579.0
1P18U1H/23 23
23x1pole
606.0
1P18U1H/24 24
24x1pole
633.0
1P18U1H/25 25
25x1pole
660.0
1P18U1H/26 26
26x1pole
687.0
1P18U1H/27 27
27x1pole
714.0
1P18U1H/28 28
28x1pole
741.0
1P18U1H/29 29
29x1pole
768.0
1P18U1H/30 30
30x1pole
795.0
1P18U1H/31 31
31x1pole
822.0
1P18U1H/32 32
32x1pole
849.0
1P18U1H/33 33
33x1pole
876.0
1P18U1H/34 34
34x1pole
903.0
1P18U1H/35 35
35x1pole
930.0
1P18U1H/36 36
36x1pole
957.0
ACCESSORIES
Type/Cat.No:
P50UT
P50UB
BRS5
Description:
PowerFeedLug
ModularDirectPowerFeed
InsulationCap



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com