Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 3 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 3 Page - Altech corporation

  UL1077 Datasheet HTML 1Page - Altech corporation UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
6
UL508 listed
E205412
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
1P18U1/2
2
2x1pole
32.5
1P18U1/3
3
3x1pole
50.3
1P18U1/4
4
4x1pole
68.0
1P18U1/5
5
5x1pole
85.8
1P18U1/6
6
6x1pole
103.5
1P18U1/7
7
7x1pole
121.3
1P18U1/8
8
8x1pole
139.0
1P18U1/9
9
9x1pole
156.8
1P18U1/10
10
10x1pole
174.5
1P18U1/11
11
11x1pole
192.3
1P18U1/12
12
12x1pole
210.0
1P18U1/13
13
13x1pole
227.8
1P18U1/14
14
14x1pole
245.5
1P18U1/15
15
15x1pole
263.3
1P18U1/16
16
16x1pole
281.0
1P18U1/17
17
17x1pole
298.8
1P18U1/18
18
18x1pole
316.5
1P18U1/19
19
19x1pole
334.3
1P18U1/20
20
20x1pole
352.0
1P18U1/21
21
21x1pole
369.8
1P18U1/22
22
22x1pole
387.5
1P18U1/23
23
23x1pole
405.3
1P18U1/24
24
24x1pole
423.0
1P18U1/25
25
25x1pole
440.8
1P18U1/26
26
26x1pole
458.5
1P18U1/27
27
27x1pole
476.3
1P18U1/28
28
28x1pole
494.0
1P18U1/29
29
29x1pole
511.8
3.5mm(0.14in.)
17.8mm(0.70in.)
56x17.8=996.8mm(39.24in.)
1007mm(39.65in.)
2mm(0.79in.)
15mm(0.59in.)
1PHASEBUSBAR-standardspacing
18mm2for80A
ACCESSORIES
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
1P18U1/30 30
30x1pole
529.5
1P18U1/31 31
31x1pole
547.3
1P18U1/32 32
32x1pole
565.0
1P18U1/33 33
33x1pole
582.8
1P18U1/34 34
34x1pole
600.5
1P18U1/35 35
35x1pole
618.3
1P18U1/36 36
36x1pole
636.0
1P18U1/37 37
37x1pole
653.8
1P18U1/38 38
38x1pole
671.5
1P18U1/39 39
39x1pole
689.3
1P18U1/40 40
40x1pole
707.0
1P18U1/41 41
41x1pole
724.8
1P18U1/42 42
42x1pole
742.5
1P18U1/43 43
43x1pole
760.3
1P18U1/44 44
44x1pole
778.0
1P18U1/45 45
45x1pole
795.8
1P18U1/46 46
46x1pole
813.5
1P18U1/47 47
47x1pole
831.3
1P18U1/48 48
48x1pole
849.0
1P18U1/49 49
49x1pole
866.8
1P18U1/50 50
50x1pole
884.5
1P18U1/51 51
51x1pole
902.3
1P18U1/52 52
52x1pole
920.0
1P18U1/53 53
53x1pole
937.8
1P18U1/54 54
54x1pole
955.5
1P18U1/55 55
55x1pole
973.3
1P18U1/56 56
56x1pole
991.0
1P18U1/57 57
57x1pole
1008.8
Type/Cat.No:
P50UT
P50UB
BRS5
Description:
PowerFeedLug
ModularDirectPowerFeed
InsulationCap



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com