Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 9 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 9 Page - Altech corporation

Back Button UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation UL1077 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
12
AssemblyInstructions
Type/Cat.No.
P50UT
P50UB
ElectricalRatings
115A/480VAC
115A/480VAC
TerminalSiteAcceptability
10-1/0AWG(1.5-50mm2)
14-1AWG(1.5-50mm2)
Recommended/
RequiredTorque
5.6Nm(50lb.in.)
4Nm(35.4lb.in.)
MaterialofLug/Terminal
Brass
Brass
InsulationMaterial
Polyamid
Polyamid
Forusewith
UL1077/50818and25mm2
UL1077/50818and25mm2
1-3phasebusbars
1-3phasebusbars
PowerFeedLug
ModularDirect
PowerFeed
UL508 listed
E205412
UL508 listed
E205412
PowerFeedDevices
Easy connection of power
supply wires to the
busbar/MCB. Power Feed
Devices ensure permanent
connection.
Thepowerfeedlugs(Cat.#P50UT)fittogetherwiththelugsof
thebusbarintheterminalsoftheMCB/MA.
6.8 mm (0.27 in.)
3 mm (0.12 in.)
16 mm
(0.63 in.)
11 mm
(0.43 in.)
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com