Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 10 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 10 Page - Altech corporation

Back Button UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation UL1077 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
13
13
5
2
46
13
2
2
13
Pin
Phase
Phase 1
Phase 2
Phase 3
Type/Cat.No.
P95UB
ElectricalRatings
200A/480VAC
TerminalSiteAcceptability 1-4/0AWG(50-120mm2)
Recommended/
19.5Nm(175lb.in.)
RequiredTorque
MaterialofLug/Terminal
Brass
InsulationMaterial
Polyamid
Forusewith
UL1077/50818and25mm2
3phasebusbars
(standardspacingonly)
EndCaps
InsulationCaps
PowerFeedBlock
UL508 listed
E205412
Type/Cat.No:
18/25CAP3P
Forusewith: 18/25mm22&3phaseBusbar
Type/Cat.No:
BRS5(5perstrip)
Forusewith: 18/25mm21-3phaseBusbar
MiscellaneousAccessories
A
A
B
B
35.6 mm
(1.40 in.)
35.6 mm
(1.40 in.)
31.6 mm
(1.24 in.)
31.6 mm
(1.24 in.)
DIN Rail Clip
88.5 mm
(3.48 in.)
63 mm
(2.48 in.)
NOTE:ThePowerFeedBlockusesthespaceof5Pins
of the standard spacing Busbar (see drawing below).
Phase1connectstoPin1,Phase2toPin3andPhase
3 to Pin 5. Pin 2 and 4 are not in use. Pin 6 should be
covered with an insulation cap if phase sequence stays
the same. Therefore, the Power Feed Block covers 6
pinstoconnecttothethreephases.
AssemblyInstructions
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com