Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 8 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 8 Page - Altech corporation

Back Button UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation UL1077 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
11
UL508 listed
E205412
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
3P18U3H/6
6
2x3pole
110.8
3P18U3H/9
9
3x3pole
173.1
3P18U3H/12 12
4x3pole
235.4
3P18U3H/15 15
5x3pole
297.7
3P18U3H/18 18
6x3pole
360.0
3P18U3H/21 21
7x3pole
422.3
3P18U3H/24 24
8x3pole
484.6
3P18U3H/27 27
9x3pole
546.9
3P18U3H/30 30
10x3pole
609.2
3P18U3H/33 33
11x3pole
671.5
3P18U3H/36 36
12x3pole
733.8
3P18U3H/39 39
13x3pole
796.1
3P18U3H/42 42
14x3pole
858.4
3P18U3H/45 45
15x3pole
920.7
3P18U3H/48 48
16x3pole
983.0
3P18U3H/51 51
17x3pole
1045.3
3P18U3H/54 54
18x3pole
1107.6
3P18U3H/57 57
19x3pole
1169.9
7mm
(0.28)
17.8mm
(0.70in.)
62.3mm(2.45in.)
15x62.3=934.5mm
982mm(38.66in.)
21mm
(0.83in.)
2mm
(.079in.)
3PHASEBUSBAR-1/2polespacing
18mm2for80A
/25mm2for100A
ACCESSORIES
25mm2for100A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
3P25U3H/6
6
2x3pole
110.8
3P25U3H/9
9
3x3pole
173.1
3P25U3H/12 12
4x3pole
235.4
3P25U3H/15 15
5x3pole
297.7
3P25U3H/18 18
6x3pole
360.0
3P25U3H/21 21
7x3pole
422.3
3P25U3H/24 24
8x3pole
484.6
3P25U3H/27 27
9x3pole
546.9
3P25U3H/30 30
10x3pole
609.2
3P25U3H/33 33
11x3pole
671.5
3P25U3H/36 36
12x3pole
733.8
3P25U3H/39 39
13x3pole
796.1
3P25U3H/42 42
14x3pole
858.4
3P25U3H/45 45
15x3pole
920.7
3P25U3H/48 48
16x3pole
983.0
3P25U3H/51 51
17x3pole
1045.3
3P25U3H/54 54
18x3pole
1107.6
3P25U3H/57 57
19x3pole
1169.9
Type/Cat.No:
P50UT
P50UB
Description:
PowerFeedLug
ModularDirectPowerFeed
Type/Cat.No:
BRS5
18/25CAP3P
Description:
InsulationCap
EndCap



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com