Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL1077 Datasheet(PDF) 6 Page - Altech corporation

Part # UL1077
Description  UL508 Listed Busbars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

UL1077 Datasheet(HTML) 6 Page - Altech corporation

Back Button UL1077 Datasheet HTML 2Page - Altech corporation UL1077 Datasheet HTML 3Page - Altech corporation UL1077 Datasheet HTML 4Page - Altech corporation UL1077 Datasheet HTML 5Page - Altech corporation UL1077 Datasheet HTML 6Page - Altech corporation UL1077 Datasheet HTML 7Page - Altech corporation UL1077 Datasheet HTML 8Page - Altech corporation UL1077 Datasheet HTML 9Page - Altech corporation UL1077 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
9
UL508 listed
E205412
18mm2for80A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
2P18U3H/4
4
2x2pole
75.3
2P18U3H/6
6
3x2pole
119.8
2P18U3H/8
8
4x2pole
164.3
2P18U3H/10 10
5x2poles
208.8
2P18U3H/12 12
6x2pole
253.3
2P18U3H/14 14
7x2pole
297.8
2P18U3H/16 16
8x2pole
342.3
2P18U3H/18 18
9x2pole
386.8
2P18U3H/20 20
10x2pole
431.3
2P18U3H/22 22
11x2pole
475.8
2P18U3H/24 24
12x2pole
520.3
2P18U3H/26 26
13x2pole
564.8
2P18U3H/28 28
14x2pole
609.3
2P18U3H/30 30
15x2pole
653.8
2P18U3H/32 32
16x2pole
698.3
2P18U3H/34 34
17x2pole
742.8
2P18U3H/36 36
18x2pole
787.3
2P18U3H/38 38
19x2pole
831.8
2P18U3H/40 40
20x2pole
876.3
2P18U3H/42 42
21x2pole
920.8
2P18U3H/44 44
22x2pole
965.3
2P18U3H/46 46
23x2pole
1009.8
2P18U3H/48 48
24x2pole
1054.3
2P18U3H/50 50
25x2pole
1098.8
2P18U3H/52 52
26x2pole
1143.3
2P18U3H/54 54
27x2pole
1187.8
2P18U3H/56 56
28x1pole
1232.3
7mm
(0.28in.)
17.8mm(0.70in.)
44.5mm (1.75in.)
22x44.5=979mm(38.54in.)
1009mm (39.72in.)
21mm
(0.83in.)
2mm
(.079in.)
2PHASEBUSBAR-1/2polespacing
18mm2for80A
/25mm2for100A
25mm2for100A
Type/
No.of No.ofMMC Length
Cat.No.
Pins toJumper
[mm]
2P25U3H/4
4
2x2pole
75.3
2P25U3H/6
6
3x2pole
119.8
2P25U3H/8
8
4x2pole
164.3
2P25U3H/10 10
5x2pole
208.8
2P25U3H/12 12
6x2pole
253.3
2P25U3H/14 14
7x2pole
297.8
2P25U3H/16 16
8x2pole
342.3
2P25U3H/18 18
9x2pole
386.8
2P25U3H/20 20
10x2pole
431.3
2P25U3H/22 22
11x2pole
475.8
2P25U3H/24 24
12x2pole
520.3
2P25U3H/26 26
13x2pole
564.8
2P25U3H/28 28
14x2pole
609.3
2P25U3H/30 30
15x2pole
653.8
2P25U3H/32 32
16x2pole
698.3
2P25U3H/34 34
17x2pole
742.8
2P25U3H/36 36
18x2pole
787.3
2P25U3H/38 38
19x2pole
831.8
2P25U3H/40 40
20x2pole
876.3
2P25U3H/42 42
21x2pole
920.8
2P25U3H/44 44
22x2pole
965.3
2P25U3H/46 46
23x2pole
1009.8
2P25U3H/48 48
24x2pole
1054.3
2P25U3H/50 50
25x2pole
1098.8
2P25U3H/52 52
26x2pole
1143.3
2P25U3H/54 54
27x2pole
1187.8
2P25U3H/56 56
28x2pole
1232.3
ACCESSORIES
Type/Cat.No:
P50UT
P50UB
BRS5
18/25CAP3P
Description: PowerFeedLug ModularDirectPowerFeed InsulationCap
EndCap



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com