Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC534CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
3-53
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534
Figure 1. Serial Port Timing
tRD
tRS
tDRS
tPWL
R/W
READ TIMING
READ FORMAT
WRITE FORMAT
WRITE TIMING
WRITE DEFAULT TIMING
EOC
DOUT
DCLK
R/W
EOC
DOUT
DCLK
EOC
SGN MSB
LSB
OVR
tLS
tDLS
tPWL
R/W
DIN
DCLK
tLDL
tLDS
R/W
DIN
R/W
DOUT
DCLK
MSB
LSB
For Polled vs Interrupt Operation and Write Value Modified Cycle Use TC520A Data Sheet Figure 1 & 2.
PIN DESCRIPTION (Cont.)
Pin No.
Pin No.
Pin No
Pin No.
(TC530
(TC530
(TC534
(TC534
28-Pin
28-Pin
40-Pin
44-Pin
PDIP, 300 Mil.) SOIC)
PDIP)
PQFP)
Symbol
Description
22
22
32
30
VCCD
Analog Input. Power supply connection for digital logic and
serial port. Proper power-up sequencing is critical, see the
Applications section.
23
23
34
32
OSC
Input. The negative power supply converter normally runs at
a frequency of 100kHz. This frequency can be slowed down to
reduce quiescent current by connecting an external capacitor
between this pin and V+S. (See Typical Characteristics).
25
25
37
35
VDD
Analog Input. Power supply connection for the A/D analog
section and DC-DC converter. Proper power-up sequencing is
critical, see the
Applications section.
26
26
38
36
CAP+
Analog Input. Storage capacitor positive connection for the
DC/DC converter.
27
27
39
37
AGND
Analog Input. Ground connection for DC/DC converter.
28
28
40
38
CAP–
Analog Input. Storage capacitor negative connection for the
DC/DC converter.
13, 24
13, 24
28, 29, 31, 1, 25, 26, 27
NC
No connect. Do not connect any signal to these pins.
33, 35, 36
29, 31, 33,
34, 39, 44,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com