Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3-57
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534
verter input. A0 is the least significant address bit (i.e.,
channel 1 is selected when A0 = 1 and A1 = 0). The
multiplexer is designed to be operated in a differential mode.
For single-ended inputs, the CHx– input for the channel
under selection must be connected to the ground reference
associated with the input signal.
EOC
R/W
RESET
DCLK
DIN
1
1001111
AZ
AZ
LOAD VALUE
MSB
LSB
INT
DINT
IZ
AZ…
Conversion
Phase
Timing
Status
Converter held in AZ
state due to RESET = 1
Write LOAD VALUE to Serial Port
Power-up RESET
Undefined
Converter in Normal Service
R/W brought LOW during AZ
for serial port write cycle
R/W = HIGH strobes
LOAD VALUE into
timebase and starts
conversion
Continuous Conversions
Figure 4. TC530/534 Initialization and Load Value Write Cycle
EOC
OVR POL MSB
LSB
R/W
DCLK
DOUT
Figure 5. Serial Port Data Read Cycle
DC/DC Converter
An on-board, TC7660H-type charge pump supplies
negative bias to the converter circuitry, as well as to external
devices. The charge pump develops a negative output
voltage by moving charge from the power supply to the
reservoir capacitor at VSS by way of the commutating
capacitor connected to the CAP+ and CAP– inputs.
The charge pump clock operates at a typical frequency
of 100kHz. If lower quiescent current is desired, the charge
pump clock can be slowed by connecting an external ca-
pacitor from the OSC pin to VDD. Reference typical charac-
teristics curves.
APPLICATIONS
Design Example
Figure 6 shows a typical TC534 interrupt-driven applica-
tion. Timing and component values are calculated from
equations and recommendations made in the Dual Slope
Integrating Converter and Programming the TC530/534
sections of this document. The EOC connection to the
processor INT input is for interrupt-driven applications only.
(In polled systems, the EOC output is available on DOUT).
GIVEN
REQUIRED RESOLUTION:
16 Bits (65,536 counts.)
MAXIMUM VIN:
±2V
POWER SUPPLY VOLTAGE: +5V
60Hz SYSTEM
1. Pick Integration time (tINT)
66msec
2. Estimate crystal frequency
FIN = 2R/tINT = 2 x 65536/66 x 10 –3 = 1.98MHz
(use 2MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com