Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC534CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3-49
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534
ELECTRICAL CHARACTERISTICS:
Serial Port Interface: VCCD = +5V, unless otherwise specified.
TA = +25
°C
TA = 0
°C to +70°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VIH
Input Logic HIGH Level
2.5
—
—
2.5
—
—
V
VIL
Input Logic LOW Level
—
—
0.8
—
—
0.8
V
IIN
Input Current (DI, DO, DCLK)
—
—
10
———
µA
VOL
Logic LOW Output Voltage
IOUT = 250µA
—
0.2
0.3
—
—
0.35
V
(EOC)
ELECTRICAL CHARACTERISTICS:
Serial Port Interface: VCCD = +5V, unless otherwise specified.
TA = +25
°C
TA = 0
°C to +70°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
tR, tF
Rise and Fall Times
CL = 10pF
—
—
250
—
250
—
nsec
(EOC, DI, DO)
FXTL
Crystal Frequency
—
—
2.0
—
—
2.0
MHz
FEXT
External Frequency on OSCIN
—
—
4.0
—
—
4.0
MHz
tRS
Read Setup Time
1
—
—
—
1
—
µsec
tRD
Read Delay Time
250
—
—
—
250
—
nsec
tDRS
DCLK to DOUT Delay
450
—
—
—
450
—
nsec
tPWL
DCLK LOW Pulse Width
150
—
—
—
150
—
nsec
tPWH
DCLK HIGH Pulse Width
150
—
—
—
150
—
nsec
tDR
Data Ready Delay
200
—
—
—
200
—
nsec
ELECTRICAL CHARACTERISTICS:
DC/DC Converter Section: VDD = +5V, unless otherwise specified.
TA = +25
°C
TA = 0
°C To +70°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
ROUT
Output Resistance
IOUT = 10mA
—
65
85
—
—
100
Ω
fCLK
Oscillator Frequency
COSC = 0
—
100
—
—
—
—
kHz
IOUT
VSS Output Current
—
—
10
—
—
10
mA
ELECTRICAL CHARACTERISTICS:
Multiplexer: VDD = +5V (Note 4), unless otherwise specified.
TA = +25
°C
TA = 0
°C to +70°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VINMAX
Maximum Input Voltage
– 2.5
—
2.5
–2.5
—
2.5
V
RDSON
Drain/Source ON Resistance
—
6
10
—
—
—
k
Ω
Notes:
1. Integrate time
≥ 66msec, Auto Zero time ≥ 66msec, VINT (pk) = 4V.
2. End point linearity at
±¹⁄₄, ±¹⁄₂, ±³⁄₄ F.S. after full scale adjustment.
3. Roll-over error is related to capacitor used for CINT (See "Recommended Suppliers for CINT", Table 2).
4. TC534 Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com