Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC534CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3-50
TELCOM SEMICONDUCTOR, INC.
PIN CONFIGURATIONS
1
2
3
4
20
19
18
5
6
7
8
17
23
22
21
9
10
11
12
24
25
26
27
28
TC530CPJ
16
15
13
14
V
V
CCD
D
OUT
D
CLK
C
REF
C
INT
C
AZ
BUF
ACOM
CREF
REF
VREF
–
+
–
–
+
CAP
AGND
RESET
–
N/C
EOC
OSC
CAP +
28
25
24
23
22
21
20
19
18
17
27
26
TC530COI
OSC
OUT
OSC
IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
33
32
31
30
29
28
27
26
25
24
23
2
3
4
5
6
7
8
9
10
11
16
15
V
IN
D
IN
R/W
+
V
IN
DGND
N/C
V
V
SS
V
SS
V
SS
C
REF
C
INT
C
AZ
BUF
ACOM
CREF
REF
VREF
–
+
–
–
+
OSC
OUT
V
IN
+
V
IN
DGND
N/C
V
C
REF
C
INT
C
AZ
BUF
ACOM
CREF
REF
VREF
–
+
–
+
OSC
OUT
DGND
V
CCD
D
OUT
D
CLK
CAP
AGND
RESET
–
NC
EOC
OSC
CAP
V
CCD
V
CCD
CAP
AGND
RESET
RESET
OSC
OSC
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
+
–
CAP+
OSC
IN
D
IN
R/W
TC534CPL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
TC534CKW
A1
A0
OSC
IN
D
OUT
D
CLK
EOC
N/C
N/C
N/C
D
IN
R/W
R/W
EOC
CH1+
CH2+
CH3+
CH4+
CH4–
CH3–
CH2–
CH1–
V
C
REF
ACOM
CREF
REF
–
+
–
VREF
+
CH4+
CH4–
CH3–
CH2–
CH1–
12
13
14
15
44
43
42
41
39
38
40
37
36
35
34
16
17
18
19 20
21 22
V
DD
V
DD
V
DD
12
13
14 15
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com