Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
3-58
TELCOM SEMICONDUCTOR, INC.
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534
Figure 6. TC530/534 Typical Application
A0
A1
RESET
EOC
VCCD
VCCD
VDD
VDD
D
OUT
D
CLK
X1: 2MHz
R2
100k
R1
100k
100
Ω
1
µF
TC04
(1.25V VREF)
(1.03V)
D
IN
R/W
ACOM
OSC
IN
OSC
OUT
V
SS
DGND
C
AZ
C
AZ
0.22
µF
C
IN
0.33
µF
R
INT
100k
TC534
C
INT
Analog
Inputs
Channel
Control
C1
.01
µF
10
µF
MUX
IN1
+
IN1
–
IN2
+
IN2
–
IN3
+
IN3
–
IN4
+
IN4
–
+5V
+5V
–5V
(Optional)
BUF
V
REF
+
V
REF
–
+
C
REF
C
REF
–
C
REF
0.22
µF
+
CAP
CAP –
1
µF
+5V
INT
PROCESSOR
I/O
I/O
I/O
I/O
.01
µF
.01
µF
1
µF
3. Calculate LOAD VALUE
LOAD VALUE = 256 – (tINT)(FIN)/1024 = [128]10
[128]10 = 80 hex
4. Calculate RINT
RINT (in MΩ) = VINMAX/20 = 2/20 = 100kΩ
5. Calculate CINT for maximum (4V) integrator out-
put swing
CINT (in µF) = (tINT)(20 x 10 –6)/ (VS – 0.9)
= (.066)(20 x 10 –6)/(4.1)
= .32
µF (use closest value: 0.33µF)
NOTE: TelCom recommended capacitor:
WIMA p/n: MK12 .33/63/10
6. Choose CREF and CAZ based on conversion rate
Conversions/sec = 1/(tAZ + tINT + 2tINT + 2msec)
= 1/(66msec + 66msec + 132msec
+ 2msec)
= 3.7 conversions/sec
from which CAZ = CREF = 0.22µF (see Table 1)
NOTE: TelCom recommended capacitor:
WIMA p/n: MK12 .22/63/10
7. Calculate VREF
VREF (in Volts = (VS – 0.9)(CINT)(RINT)
2(tINT)
= (4.1)(0.33x10 –6)(105)/2(.066)
= 1.025V
Power Supply Sequencing
Improper sequencing of the power supply inputs (VDD
vs. VCCD) can potentially cause an improper power-up
sequence to occur. See
Circuit Design/Layout Consider-
ations below. Failing to insure a proper power-up sequence
can cause spurious operation.
Ciruit Design/Layout Considerations
(1) Separate ground return paths should be used for the
analog and digital circuitry. Use of ground planes and trace
fill on analog circuit sections is highly recommended
EXCEPT for in and around the integrator section and
CREF, CAZ. (CINT, CREF, CAZ, RINT). Stray capacitance be-
tween these nodes and ground appears in parallel with the
components themselves and can affect measurement accu-
racy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com