Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
3-59
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534
TC530EV Evaluation Kit
The TC530EV consists of a 4" x 6" pre-assembled circuit
board that connects to the serial port of any PC or dumb
terminal. Also included is a WindowsTM* ExcelTM*-based
design utility that calculates component and LOAD values
based on user input, and prints a finished circuit schematic.
Please contact your local TelCom representative for more
information, or point your web browser to http://www.telcom-
semi.com.
(2) Improper sequencing of the power supply inputs
(VDD vs. VCCD) can potentially cause an improper power-up
sequence to occur in the internal state machines. It is
recommended that the digital supply, VCCD, be powered up
first. One method of insuring the correct power-up sequence
is to delay the analog supply using a series resistor and a
capacitor. See Figure 6, TC530/534 Typical Application.
(3) Decoupling capacitors, preferably a higher value elec-
trolytic or tantulum in parallel with a small ceramic or
tantalum, should be used liberally. This includes bypassing
the supply connections of all active components and the
voltage reference.
(4) Critical components should be chosen for stability and
low noise. The use of a metal-film resistor for RINT and
Polypropylene or Polyphenelyne Sulfide (PPS) capacitors
for CINT, CAZ, and CREF is highly recommended.
(5) The inputs and integrator section are very high imped-
ance nodes. Leakage to or from these critical nodes can
contribute measurement error. A guard-ring should be used
to protect the integrator section from stray leakage.
(6) Circuit assemblies should be scrupulously clean to
prevent the presence of contamination from assembly,
handling, or the cleaning itself. Minutely conductive trace
contaminates, easily ignored in most applications, can ad-
versely affect the performance of high impedance circuits.
The input and integrator sections should be made as com-
pact and close to the TC53x as possible.
(7) Digital and other dynamic signal conductors should be
kept as far from the TC53x’s analog section as possible. The
microcontroller or other host logic should be kept quiet
during a measurement cycle. Background activites such as
keypad scanning, display refreshing, and power switching
can introduce noise.
*All trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com