Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534CPL Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC534CPL
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534CPL Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC534CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3-47
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC530
TC534
5V PRECISION DATA ACQUISITION SUBSYSTEMS
EVALUATION
KIT
AVAILABLE
TC530/534-3 11/14/96
FEATURES
s
Precision (up to 17 Bits) A/D Converter
s
3 Wire Serial Port
s
Flexible: User Can Trade-Off Conversion Speed
Against Resolution
s
Single Supply Operation
s
–5V Output Pin
s
4 Input, Differential Analog MUX (TC534)
s
Automatic Input Polarity and Overrange Detection
s
Low Operating Current ............................ 5mA Max
s
Wide Analog Input Range ......................
±4.2V Max
s
Cost Effective
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC530COI
28-Pin SOIC
0
°C to +70°C
TC530CPJ
28-Pin Plastic DIP (300 Mil.)
0
°C to +70°C
TC534CKW
44-Pin PQFP
0
°C to +70°C
TC534CPL
40-Pin Plastic DIP
0
°C to +70°C
TC530EV
Evaluation Kit for TC530/534
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The TC530/534 are serial analog data acquisition sub-
systems ideal for high precision measurements (up to 17 bits
plus sign). The TC530 consists of a dual slope integrating
A/D converter, negative power supply generator and 3 wire
serial interface port. The TC534 is identical to the TC530, but
adds a four channel differential input multiplexer. Key A/D
converter operating parameters (Auto Zero and Integration
time) are programmable, allowing the user to trade-off
conversion time for resolution.
Data conversion is initiated when the RESET input is
brought low. After conversion, data is loaded into the output
shift register and EOC is asserted indicating new data is
available. The converted data (plus Overrange and polarity
bits) is held in the output shift register until read by the
processor, or until the next conversion is completed allowing
the user to access data at any time.
The TC530/534 timebase can be derived from an exter-
nal crystal of 2MHz (max), or from an external frequency
source. The TC530/534 requires a single 5V power supply
and features a – 5V, 10mA output which can be used to
supply negative bias to other components in the system.
A0 A1
OSCIN
EOC
R/W
DIN
DOUT
DCLK
OSCOUT
OSC
RESET
CAP
+
CAP
–
CAZ
TC05
TC530
TC534
CREF
RINT
CINT
TC534
(Only)
(TC530 Only)
DC-TO-DC
CONVERTER
State
Machine
Serial Port
Negative
Supply Output
Oscillator
(
÷ 4)
Dual Slope A/D Converter
.01
µF
0.01
µF
Optional
Power-On
Reset Cap
100k
10k
+5V
DIF.
MUX
(TC534
Only)
CH1
CH1
CH2
CH2
CH3
CH3
CH4
CH4
VIN
VIN
IN
IN
AB
CMPTR
BUF
INT
CAZ
VREF
+
VREF
–
+
CREF CREF
–
ACOM
–
–
–
–
–
+
+
+
+
+
VDD
VDD
VDD
VDD
VSS
+
–


Similar Part No. - TC534CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC534CPL MICROCHIP-TC534CPL Datasheet
527Kb / 22P
5V Precision Data Acquisition Subsystems
2002
More results

Similar Description - TC534CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC530 MICROCHIP-TC530 Datasheet
527Kb / 22P
5V Precision Data Acquisition Subsystems
2002
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
High-Precision Data Acquisition
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Pico Technology Ltd.
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com