Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1040CSW Datasheet HTML 3Page - Linear Technology LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology LTC1040CSW Datasheet HTML 10Page - Linear Technology LTC1040CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1040
1040fa
1A
100mV
APPLICATIO S I FOR ATIO
Offset Voltage Error
The errors due to offset, common mode, power supply
variation, gain and temperature are all included in the
offset voltage specification. This makes it easy to compute
the error when using the LTC1040.
Example: error computation for Figure 4.
Assume: 2.8V
≤ VS ≤ 6V.
Then total worst-case error is:
Note: If source resistance exceeds 10k, bypass
capacitors should be used and the associated errors must
be included.
Pulsed Power (VP-P) Output
It is often desirable to use comparators with resistive
networks such as bridges. Because of the extremely low
power consumption of the LTC1040, the power consumed
by these resistive networks can far exceed that of the
device itself.
At low sample rates the LTC1040 spends most of its time
off. To take advantage of this, a pulsed power (VP-P) output
is provided. VP-P is switched to V+ when the comparator
is on and to a high impedance (open circuit) when the
comparator is off. The ON time is nominally 80
µs.
Figure 5 shows the VP-P output circuit.
The VP-P output voltage is not precise (see VP-P Output
Voltage versus Load Current curve). There are two ways
VP-P can be used to power external networks without
excessive errors: (1) ratiometric networks and (2) fast
settling references.
In a ratiometric network, the inputs are all proportional to
VP-P (see Figure 6). Consequently, for small changes, the
absolute value of VP-P does not affect accuracy.
It is critical that the inputs to the LTC1040 completely
settle within 4
µs of the start of the comparison cycle and
that they do not change during the 80
µs ON time. When
driving resistive networks with VP-P, capacitive loading on
the network should be minimized to meet the 4
µs settling
time requirement. It is not recommended that VP-P be used
to drive networks with source impedances, as seen by the
inputs, of greater than 10k
Ω.
In applications where an absolute reference is required,
the VP-P output can be used to drive a fast settling
reference. The LT1009 2.5V reference, ideal in this
application, settles in approximately 2
µs (see Figure 7).
The current through R1 must be large enough to supply
the LT1009 minimum bias current (
≈1mA) and the load
current, IL.
LTC1040 • AI05
80
µs
COMPARATOR ON TIME
18
V+
917
GND
Q1 P1
VP-P
Figure 7. Driving Reference with VP-P Output
Figure 6. Ratiometric Network Driven by VP-P
Figure 5. VP-P Output Switch
=
±6mA
IL (ERROR) = ± (100mV • 0.001 + 0.5mV) •
↑↑
Tracking Error
VOS
IL (ERROR)% =
• 100 =
± 0.6%.
6mA
1A
VIN
VTRIP
OUTPUT
VP-P OUTPUT
LTC1040 • AI06
–
–+
–
+
+
1/2
LTC1040
VIN
IL
VP-P OUTPUT
LTC1040 • AI07
–
–
+
+
1/2
LTC1040
R2
R3
LT1009
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com