Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1040CSW Datasheet HTML 1Page - Linear Technology LTC1040CSW Datasheet HTML 2Page - Linear Technology LTC1040CSW Datasheet HTML 3Page - Linear Technology LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1040
1040fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Applies over input voltage range limit and includes gain
uncertainty.
Note 3: Tracking error = (VIN1 – VIN2)/ VIN1.
Note 4: RIN is guaranteed by design and is not tested.
RIN = 1/(fS • 33pF).
Note 5: Average supply current = tD • lS(ON) • fS + (1 – tD x fS) • lS(OFF).
Note 6: Response time is set by an internal oscillator and is independent
of overdrive voltage.
Note 7: Inputs and outputs also capable of meeting EIA/JEDEC B series
CMOS specifications.
TYPICAL PERFOR A CE CHARACTERISTICS
Peak Supply Current
vs Supply Voltage
SUPPLY VOLTAGE, V+ (V)
2
0
2
6
8
10
20
14
6
10
12
LTC1040 • TPC01
4
16
18
12
4
8
14
16
25
°C
125
°C
–55
°C
LTC1040M/LTC1040C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STROBE Input (Note 7)
VIH
Logic “1” Input Voltage
V+ = 5.25V
q
2.0
1.6
V
VIL
Logic “0” Input Voltage
V+ = 4.75V
1.0
0.8
V
REXT
External Timing Resistor
Resistor Tied Between V+ and OSC Pin
q
100
10,000
k
Ω
fS
Sampling Frequency
REXT = 1M, CEXT = 0.1µF
5
Hz
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range otherwise specifications are at TA = 25°C. Test conditions: V+ = 5V, V – = – 5V, unless otherwise specified
Normalized Sampling Frequency
vs Supply Voltage and Temperature
SUPPLY VOLTAGE, V+ (V)
0
1.4
1.8
16
LTC1040 • TPC02
1.0
0.6
4
8
12
2
6
10
14
2.2
1.2
1.6
0.8
2.0
TA = 125°C
TA = 25°C
TA = –55°C
R = 1M
C = 0.1
µF
Input Resistance
vs Sampling Frequency
SAMPLING FREQUENCY, fS (Hz)
1
107
109
1011
102
104
103
10
LTC1040 • TPC05
108
1010
Sampling Rate vs REXT, CEXT
REXT (Ω)
100k
0.1
1
10
102
103
1M
10M
LT1040 • TPC03
CEXT = 1000pF
CEXT = 0.01µF
CEXT = 0.1µF
CEXT = 1µF
CEXT = 0.05µF
Response Time
vs Supply Voltage
SUPPLY VOLTAGE, V+ (V)
2
200
250
300
812
LTL1040 • TPC04
150
100
46
10
14
16
50
0
TA = 25°C
VP-P Output Voltage
vs Load Current
LOAD CURRENT, IL (mA)
0
0.8
0.4
0
8
LTC1040 • TPC06
1.2
1.6
2.0
0.6
0.2
1.0
1.4
1.8
2
1
4
3
67
9
5
10
V+ = 2.8V
V+ = 16V
V+ = 5V
V+ = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com