Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1040CSW Datasheet HTML 1Page - Linear Technology LTC1040CSW Datasheet HTML 2Page - Linear Technology LTC1040CSW Datasheet HTML 3Page - Linear Technology LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1040
1040fa
s
Micropower
1.5
µW (1 Sample/Second)
s
Power Supply Flexibility
Single Supply 2.8V to 16V
Split Supply
±2.8V to ±8V
s
Guaranteed Max Offset 0.75mV
s
Guaranteed Max Tracking Error Between Input
Pairs
± 0.1%
s
Input Common Mode Range to Both Supply Rails
s
TTL/CMOS Compatible with
±5V or Single 5V
Supply
s
Input Errors are Stable with Time and Temperature
The LTC
®1040 is a monolithic CMOS dual comparator
manufactured using Linear Technology’s enhanced
LTCMOS
TM silicon gate process. Extremely low operating
power levels are achieved by internally switching the
comparator ON for short periods of time. The CMOS
output logic holds the output information continuously
while not consuming any power.
In addition to switching power ON, a switched output is
provided to drive external loads during the comparator’s
active time. This allows not only low comparator power,
but low total system power.
Sampling is controlled by an external strobe input or an
internal oscillator. The oscillator frequency is set by an
external RC network.
Each comparator has a unique input structure, giving two
differential inputs. The output of the comparator will be
high if the algebraic sum of the inputs is positive and low
if the algebraic sum of the inputs is negative.
Window Comparator with Symmetric Window Limits
Dual Micropower
Comparator
Typical LTC1040 Supply Current
vs Sampling Frequency
FEATURES
APPLICATIO S
DESCRIPTIO
s
Battery-Powered Systems
s
Remote Sensing
s
Window Comparator
s
BANG-BANG Controllers
, LTC and LT are registered trademarks of Linear Technology Corporation.
VC
AOUT = “1” WHEN
VIN > VC + ∆
BOUT = “1” WHEN
VIN < VC – ∆
A + B = “1” WHEN
VC – ∆ ≤ VIN ≤ VC + ∆
VIN
∆
LTC1040 • TA01
–
–
+
+
–
–
+
+
COMP A
COMP B
LTC1040
SAMPLING FREQUENCY, fS (Hz)
0.1
10
100
1000
1,000
LTC1040 • TA02
1
0.10
0.01
1
10
100
10,000
VS = ±5V
REXT = 10M
EXTERNALLY STROBED
TYPICAL APPLICATIO
LTCMOS™ is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1040CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1040C LINER-LTC1040C Datasheet
1,003Kb / 12P
Dual Micropower Comparator
LTC1040CJ LINER-LTC1040CJ Datasheet
1,003Kb / 12P
Dual Micropower Comparator
LTC1040CN LINER-LTC1040CN Datasheet
1,003Kb / 12P
Dual Micropower Comparator
More results

Similar Description - LTC1040CSW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
Micropower Dual Comparator
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
logo
Linear Technology
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
Dual Micropower Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com