Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology LTC1040CSW Datasheet HTML 10Page - Linear Technology LTC1040CSW Datasheet HTML 11Page - Linear Technology LTC1040CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1040
1040fa
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
J Package
18-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
OBSOLETE PACKAGE
J18 0801
.015 – .060
(0.380 – 1.520)
.100
(2.54)
BSC
.014 – .026
(0.360 – 0.660)
.045 – .065
(1.143 – 1.651)
.200
(5.080)
MAX
.125
(3.175)
MIN
.008 – .018
(0.203 – 0.457)
0
° – 15°
1
2
3
4
56
78
.220 – .310
(5.590 – 7.870)
.960
(24.384)
MAX
.005
(0.127)
MIN
16
13
9
10
11
12
14
15
17
18
.025
(0.635)
RAD TYP
.300 BSC
(7.62 BSC)
.045 – .065
(1.143 – 1.650)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
N Package
18-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
N18 1002
.020
(0.508)
MIN
.120
(3.048)
MIN
.130
± .005
(3.302
± 0.127)
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.018
± .003
(0.457
± 0.076)
.005
(0.127)
MIN
.255
± .015*
(6.477
± 0.381)
.900*
(22.860)
MAX
18
12
3
4
56
7
8
9
10
11
12
13
14
16
15
17
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com