Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology LTC1040CSW Datasheet HTML 10Page - Linear Technology LTC1040CSW Datasheet HTML 11Page - Linear Technology LTC1040CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1040
1040fa
PACKAGE DESCRIPTIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
LW/TP 1202 1K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1991
Analog Multiplier/Divider
TYPICAL APPLICATIO S
Single + 5V Voltage-to-Frequency Converter
LTC1040 • TA11
fOUT (AVERAGE) = fIN
±0.1% FS
fOUT
fIN
VIN
VREF (5V)
VIN
VREF
1
µF
5
6
7
8
10
1
9
18
4
100k
1/2
LTC1040
1/4 74C00
1/4 74C00
–
+
–
+
+
LTC1040 • TA10
5
6
7
8
14
17
12
13
16
18
3
15
10
9
18
4
4
16
5V
100k
VC
VOUT
VB*
V1
V2
VA
–
–
+
+
1/2
LTC1040
LTC1043
10
µF
10
µF
10k
10k
VOUT =
(VA + V1 – V2) • VC
VB
ACCURACY =
±10mV NO TRIM
VB MUST BE > VA + (V1 – V2)
*
+
+
SW Package
18-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)
S18 (WIDE) 0502
NOTE 3
.447 – .463
(11.354 – 11.760)
NOTE 4
15
14
13
12
11
10
16
9
N/2
1
23
4
5
6
78
.394 – .419
(10.007 – 10.643)
17
18
N
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
.420
MIN
.325
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
N
1
2
3
N/2
.050 BSC
.030
±.005
TYP
.005
(0.127)
RAD MIN
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com