Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1040CSW Datasheet HTML 1Page - Linear Technology LTC1040CSW Datasheet HTML 2Page - Linear Technology LTC1040CSW Datasheet HTML 3Page - Linear Technology LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1040
1040fa
TYPICAL PERFOR A CE CHARACTERISTICS
Response Time
vs Temperature
Self-Oscillating
Quick Hookup Guide
AMBIENT TEMPERATURE, TA (°C)
–50
40
50
70
80
90
50
130
LTC1040 • TPC07
60
0
–25
100
75
25
125
100
110
120
V+ = 5V
18
17
16
10
REXT
EXTERNAL
STROBE
INPUT
CEXT
LTC1040 • TPC08
1
9
LTC1040
1
9
18
17
16
10
LTC1040
V+
V+
External Strobe
TEST CIRCUIT
BLOCK DIAGRA
VIN
LTC1040 • TA01
V+ (18)
V– (10)
ALL INPUTS ON OPPOSITE COMPARATOR AT GROUND
GND (9)
OUTPUT
–
–
+
+
VIN1
VIN2
LTC1040 • BD01
A1+
A1–
A2+
V+
V+
A2–
–
–
+
+
–
–
+
+
5
6
7
8
VIN1
VIN2
B1+
B1–
B2+
B2–
STROBE
OSC
14
13
12
11
1
16
TIMING
GENERATOR
VP-P
CIRCUIT
VP-P
BOUT
A + B
ON/OFF
AOUT
SWITCH
TIMING
POWER ON
80
µs
GND
V–
10
18
17
15
3
2
4
4
4
COMP A
COMP B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com