Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology LTC1040CSW Datasheet HTML 10Page - Linear Technology LTC1040CSW Datasheet HTML 11Page - Linear Technology LTC1040CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1040
1040fa
TYPICAL APPLICATIO S
Complete Heating/Cooling Automatic Thermostat
5k
TEMP
ADJUST
6.81k
4.32k
4.99k
82k*
20M
82k*
SEPARATION
(20mV)
LTC1040 • TA03
–
–
+
+
COMP B
LTC1040
–
–
+
+
COMP A
5
17
18
4
3
15
16
10
0.1
µF
10M
COOL
HEAT
9
6
7
8
14
13
12
11
20M
THERMISTOR # 44007
YELLOW SPRINGS INSTRUMENT CO., INC.
HYSTERESIS = 5V •
= 20mV
5V AT 0.85
µA
†
†
*
82k
20M
28
°C
27
°C
HEAT
COOL
TIME
LTC1040 • TA04
HEATER ON
HEATER OFF
AIRCONDITIONING OFF
AIRCONDITIONING ON
HYSTERESIS
HYSTERESIS
SEPARATION
Window Comparator with Independent Window Limits and
Fully Floating Differential Input
Hysteresis Comparator with Fully Floating Differential Input
AOUT = “1” WHEN
VIN > VU
BOUT = “1” WHEN
VIN < VL
A+B = “1” WHEN
VU ≥ VIN ≥ VL
LTC1040 • TA05
–
–
+
+
–
–
+
+
COMP A
COMP B
LTC1040
VL
VIN
VU
VIN
OUT = “0” WHEN VIN > VU =
= 0.996 VTRIP + 20mV
VTRIP
LTC1040 • TA06
V+
R2
2.49M
Ω
R1
10k
OUT
–
–
+
+
1/2 LTC1040
*
*
VTRIP R2 + (5V) R1
R1 + R2
OUT = “1” WHEN VIN < V1 =
TO CENTER HYSTERESIS ABOUT VTRIP, FORCE THIS INPUT TO
HYSTERESIS/2 (10mV)
= 0.996VTRIP
VTRIP R2
R1 + R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com