Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 7 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 7 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Verification and Compliance
Functional and timing simulation has been performed on the MultiChannel UART using a self-checking Verilog Test Bench with Verilog test cases.
Timing
Read and Write cycles have a recovery time due to time slicing latency. The recovery time is (3 * NUM_CHANNELS+3)*tCY , where tCY is the cycle time of the input
clock. However, if a FIFO Read immediately follows a FIFO Read, the recovery time is 4*tCY. If a FIFO Write immediately follows a FIFO Write, the recovery time is
4*tCY.
The timing diagrams below reflect ads_n held active, or low.
Since this IP is a core, the effects of part speed grade, family, routing variations, and effects of user logic in placement and routing will have varying degrees of impact
on the timing. The user must take these things in consideration to insure a successful implementation. The Timing information provided in this document, will ad-
dress timing requirements based upon architectural aspects of this IP only.
READ TIMING
The figure below shows the setup times required for a successful read. It also shows the expected delay between the assertion of the rd_n signal, and valid data on
the bus. The data remains valid as long as A, cs_n, and rd_n are held in their active states.
Figure 3: Asynchronous Timing For Reads
Description
Min
Max
tSUCS
Setup time for cs_n with respect to rd_n
tCY
tSUA
Setup time for A with repect to rd_n
tCY
tHCS
Hold time for CS with respect to rd_n
tCY
tHA
Hold time for A with respect to rd_n
NUM_CHANNELS*tCY
tDV3
Delay between rd_n assertion (going low) and valid data on the bus
2*tCY
tRD3
rd_n strobe width
2*tCY
trecovery1,2
Delay from previous rd_n or wr_n rising edge to the falling edge of rd_n (3* NUM_CHANNELS+3)*tCY
Table 4: Read Timing Descriptions
Where:
• NUM_CHANNELS is the number of ports selected of the implementation
• tCY is the period of the system clock
• 1 A Read FIFO followed by a Read FIFO of the same channel requires a recovery time (trecovery) of a minimum of 4*tCY .
• 2 A Write MCR followed by a Read MSR with MCR[4] (Loop) equal 1, requires a recovery time of (8 * NUM_CHANNELS+3)* tCY.
• 3 The rd_n input signal is sampled a minimum of 2 times by the clock. If the host interface is not synchronous to the rising edge of the clock, increase
the width of the rd_n signal accordingly.
cs_n
rd_n
data_out
A
Data Valid
t DV
t SUCS
t SUA
wr_n
t recovery 1,2
t RD
t HCS
t HA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com